Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1812 Datasheet(PDF) 44 Page - Microchip Technology

Part # EMC1812
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1812 Datasheet(HTML) 44 Page - Microchip Technology

Back Button EMC1812 Datasheet HTML 40Page - Microchip Technology EMC1812 Datasheet HTML 41Page - Microchip Technology EMC1812 Datasheet HTML 42Page - Microchip Technology EMC1812 Datasheet HTML 43Page - Microchip Technology EMC1812 Datasheet HTML 44Page - Microchip Technology EMC1812 Datasheet HTML 45Page - Microchip Technology EMC1812 Datasheet HTML 46Page - Microchip Technology EMC1812 Datasheet HTML 47Page - Microchip Technology EMC1812 Datasheet HTML 48Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 102 page
background image
Value
Description
0
No Fault reported
Bit 1 – ETHRM This bit indicates the external diode channel exceeds the programmed Therm limit.
When set, this bit will assert the THERM pin. This bit will remain set until the THERM pin is released, at
which point it will be automatically cleared.
Value
Description
1
Reported temperature above the high limit
0
Reported temperature is not above the high limit
Bit 0 – ITHRM This bit is set when the internal diode channel exceeds the programmed Therm limit.
When set, this bit will assert the THERM pin. This bit will remain set until the THERM pin is released, at
which point it will be automatically cleared.
Value
Description
1
Reported temperature above the high limit
0
Reported temperature is not above the high limit
Multi-Channel Low-Voltage Remote Di...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com