Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1812 Datasheet(PDF) 8 Page - Microchip Technology

Part # EMC1812
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1812 Datasheet(HTML) 8 Page - Microchip Technology

Back Button EMC1812 Datasheet HTML 4Page - Microchip Technology EMC1812 Datasheet HTML 5Page - Microchip Technology EMC1812 Datasheet HTML 6Page - Microchip Technology EMC1812 Datasheet HTML 7Page - Microchip Technology EMC1812 Datasheet HTML 8Page - Microchip Technology EMC1812 Datasheet HTML 9Page - Microchip Technology EMC1812 Datasheet HTML 10Page - Microchip Technology EMC1812 Datasheet HTML 11Page - Microchip Technology EMC1812 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 102 page
background image
...........continued
Parameters
Sym.
Min.
Typ.
Max.
Units Conditions
Output (SDA only)
Low-Level Voltage
VOL
—
—
0.4
V
IO = 20 mA, VDD = 1.7V to
3.6V
High-Level Current
(leakage)
IOH
—
—
1
µA
VOH = VDD
Low-Level Current
IOL
—
—
20
mA
VOL = 0.4V, VDD = 1.65V to
3.6V
Capacitance
CIN
—
5
—
pF
SDA and SCL Inputs
Hysteresis
VHYST
—
0.05VDD —
V
Table 1-2. Thermal Specifications
Electrical Characteristics: Unless otherwise specified, 1.62V ≤ VDD ≤ 3.6V at -40°C ≤ TA ≤ +125°C
Parameters
Sym. Min. Typ.
Max. Units Test Conditions
Temperature Ranges
Specified Temperature Range
TA
-40
—
+125 °C
Operating Temperature Range
TA
-40
—
+125 °C
Storage Temperature Range
TA
-65
—
+125 °C
Thermal Package Resistances
Thermal Resistance, 8L-
WDFN, 2 x 2 mm
θJA
—
141.3 —
°C/W JEDEC 2s2p, board size 76.2 x
114.3 x 1.6 mm, one thermal via,
airflow = 0 m/s.
Thermal Resistance, 10L-
VDFN, 2.5 x 2.0 mm
θJA
—
78
—
°C/W
Table 1-3. SMBUS Module Specifications
Operating Conditions: unless otherwise indicated, 1.62V ≤ VDD ≤ 3.6V at -40°C ≤ TA ≤ +85°C
Characteristic
Sym.
Min. Typ. Max. Units Conditions
SMBus Timing
Clock Frequency
fSMB
10
—
400
kHz
Spike Suppression
tSP
—
—
50
ns
Bus Free Time Stop to Start
tBUF
1.3
—
—
µs
Hold Time: Start
tHD:STA
0.6
—
—
µs
Setup Time: Start
tSU:STA
0.6
—
—
µs
Setup Time: Stop
tSU:STO
0.6
—
—
µs
Multi-Channel Low-Voltage Remote Di...
Electrical Characteristics
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com