Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1812 Datasheet(PDF) 35 Page - Microchip Technology

Part # EMC1812
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1812 Datasheet(HTML) 35 Page - Microchip Technology

Back Button EMC1812 Datasheet HTML 31Page - Microchip Technology EMC1812 Datasheet HTML 32Page - Microchip Technology EMC1812 Datasheet HTML 33Page - Microchip Technology EMC1812 Datasheet HTML 34Page - Microchip Technology EMC1812 Datasheet HTML 35Page - Microchip Technology EMC1812 Datasheet HTML 36Page - Microchip Technology EMC1812 Datasheet HTML 37Page - Microchip Technology EMC1812 Datasheet HTML 38Page - Microchip Technology EMC1812 Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 102 page
background image
6.9
Register Summary
Reserved bitfields are marked gray. Reserved bitfield will read as ‘0’.
Offset
Name
Bit Pos.
0x00
INT HIGH BYTE
7:0
IHB[7:0]
0x01
EXT1 HIGH BYTE
7:0
EXT(N)HB[7:0]
0x02
STATUS
7:0
ROCF
HOTCHG
BUSY
HIGH
LOW
FAULT
ETHRM
ITHRM
0x03
CONFIG
7:0
MSKAL
R/S
AT/THM
RECD1/2
RECD3/4
RANGE
DA_ENA
APDD
0x04
CONVERT
7:0
CONV[3:0]
0x05
INT DIODE HIGH
LIMIT
7:0
IDHL[7:0]
0x06
INT DIODE LOW
LIMIT
7:0
IDLL[7:0]
0x07
EXT1 HIGH LIMIT
HIGH BYTE
7:0
EXT(N)HLHB[7:0]
0x08
EXT1 LOW LIMIT
HIGH BYTE
7:0
EXT(N)LLHB[7:0]
0x09
CONFIG
7:0
MSKAL
R/S
AT/THM
RECD1/2
RECD3/4
RANGE
DA_ENA
APDD
0x0A
CONVERT
7:0
CONV[3:0]
0x0B
INT DIODE HIGH
LIMIT
7:0
IDHL[7:0]
0x0C
INT DIODE LOW
LIMIT
7:0
IDLL[7:0]
0x0D
EXT1 HIGH LIMIT
HIGH BYTE
7:0
EXT(N)HLHB[7:0]
0x0E
EXT1 LOW LIMIT
HIGH BYTE
7:0
EXT(N)LLHB[7:0]
0x0F
ONE SHOT
7:0
ONSH[7:0]
0x10
EXT1 LOW BYTE
7:0
EXT(N)LB[2:0]
0x11
SCRTCHPD1
7:0
SPD(N)[7:0]
0x12
SCRTCHPD2
7:0
SPD(N)[7:0]
0x13
EXT1 HIGH LIMIT
LOW BYTE
7:0
EXT(N)HLLB[2:0]
0x14
EXT1 LOW LIMIT
LOW BYTE
7:0
EXT(N)LLLB[2:0]
0x15
EXT2 HIGH LIMIT
HIGH BYTE
7:0
EXT(N)HLHB[7:0]
0x16
EXT2 LOW LIMIT
HIGH BYTE
7:0
EXT(N)LLHB[7:0]
0x17
EXT2 HIGH LIMIT
LOW BYTE
7:0
EXT(N)HLLB[2:0]
0x18
EXT2 LOW LIMIT
LOW BYTE
7:0
EXT(N)LLLB[2:0]
0x19
EXT1 THERM LIMIT
7:0
EXT(N)THL[7:0]
0x1A
EXT2 THERM LIMIT
7:0
EXT(N)THL[7:0]
0x1B
EXTERNAL DIODE
FAULT STATUS
7:0
E4FLT
E3FLT
E2FLT
E1FLT
Multi-Channel Low-Voltage Remote Di...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 35



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com