Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1812 Datasheet(PDF) 90 Page - Microchip Technology

Part # EMC1812
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1812 Datasheet(HTML) 90 Page - Microchip Technology

Back Button EMC1812 Datasheet HTML 86Page - Microchip Technology EMC1812 Datasheet HTML 87Page - Microchip Technology EMC1812 Datasheet HTML 88Page - Microchip Technology EMC1812 Datasheet HTML 89Page - Microchip Technology EMC1812 Datasheet HTML 90Page - Microchip Technology EMC1812 Datasheet HTML 91Page - Microchip Technology EMC1812 Datasheet HTML 92Page - Microchip Technology EMC1812 Datasheet HTML 93Page - Microchip Technology EMC1812 Datasheet HTML 94Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 102 page
background image
7.
Packaging Information
7.1
Package Marking Information
Product Number
Code
EMC1812T-1E/RW
ABS
EMC1812T-2E/RW
ABT
EMC1812T-AE/RW
ABU
EMC1833T-1E/RW
ABY
EMC1833T-2E/RW
ABZ
EMC1833T-AE/RW
ACA
8-Lead WDFN (2 x 2 mm)
ABS
256
Product Number
Code
EMC1813T-1E/9R
8131
EMC1813T-2E/9R
8132
EMC1813T-AE/9R
813A
EMC1814T-1E/9R
8141
EMC1814T-2E/9R
8142
EMC1814T-AE/9R
814A
EMC1815T-1E/9R
8151
EMC1815T-2E/9R
8152
EMC1815T-AE/9R
815A
Example
10-Lead VDFN (2.5 x 2.0 mm)
8131
256
Legend:
XX...X Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
e3
JEDEC® designator for Matte Tin (Sn)
*
This package is RoHS compliant. The JEDEC designator (
e3) can be found on the outer
packaging for this package.
Note:  In the event the full Microchip part number cannot be marked on one line, it will be carried over to
the next line, thus limiting the number of available characters for customer-specific information.
Multi-Channel Low-Voltage Remote Di...
Packaging Information
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 90



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com