Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1812 Datasheet(PDF) 55 Page - Microchip Technology

Part # EMC1812
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1812 Datasheet(HTML) 55 Page - Microchip Technology

Back Button EMC1812 Datasheet HTML 51Page - Microchip Technology EMC1812 Datasheet HTML 52Page - Microchip Technology EMC1812 Datasheet HTML 53Page - Microchip Technology EMC1812 Datasheet HTML 54Page - Microchip Technology EMC1812 Datasheet HTML 55Page - Microchip Technology EMC1812 Datasheet HTML 56Page - Microchip Technology EMC1812 Datasheet HTML 57Page - Microchip Technology EMC1812 Datasheet HTML 58Page - Microchip Technology EMC1812 Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 102 page
background image
6.10.15 One-Shot Register (Address 0FH)
Name: 
ONE SHOT
Offset: 
0x0F
Bit
7
6
5
4
3
2
1
0
ONSH[7:0]
Access
RW
RW
RW
RW
RW
RW
RW
RW
Reset
0
0
0
0
0
0
0
0
Bits 7:0 – ONSH[7:0] When the device is in the Standby state, writing to the One-Shot register will
initiate a conversion cycle and update the temperature measurements.
Writing to the One-Shot register while the device is in the Active state or when the BUSY bit is set in the
STATUS register (Address 02h) will have no effect.
Multi-Channel Low-Voltage Remote Di...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com