Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1812 Datasheet(PDF) 32 Page - Microchip Technology

Part # EMC1812
Description  Multi-Channel Low-Voltage Remote Diode Sensor Family
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1812 Datasheet(HTML) 32 Page - Microchip Technology

Back Button EMC1812 Datasheet HTML 28Page - Microchip Technology EMC1812 Datasheet HTML 29Page - Microchip Technology EMC1812 Datasheet HTML 30Page - Microchip Technology EMC1812 Datasheet HTML 31Page - Microchip Technology EMC1812 Datasheet HTML 32Page - Microchip Technology EMC1812 Datasheet HTML 33Page - Microchip Technology EMC1812 Datasheet HTML 34Page - Microchip Technology EMC1812 Datasheet HTML 35Page - Microchip Technology EMC1812 Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 102 page
background image
6.6
SMBus and I2C Compliance
The major differences between SMBus and I2C devices include the following:
•
Minimum frequency for SMBus communications is 10 kHz
•
The client protocol resets if the clock is held low for longer than 30 ms
•
Except when operating in the Standby mode, the client protocol resets if both the clock and the
data line are high for longer than 150 µs (Idle condition)
•
I2C devices do not support the Alert Response Address functionality (which is optional for SMBus)
For complete compliance information, refer to “Application Note 14.0 - Microchip Dedicated Slave
Devices in I2C™ Systems” (DS00001853)
6.7
SMBus Protocols
The EMC1812/13/14/15/33 devices are SMBus 2.0 compatible and support send byte, read byte, block
read, receive byte as valid protocols, as shown below. They also support the I2C Block Read and Block
Write protocols. The device supports write byte, read byte and block read/block write.
All of the protocols below use the convention in the SMBus Protocol table.
Table 6-1. SMBus Protocol
Data Sent to Device
Data Sent to the Host
# of bits sent
# of bits sent
6.7.1
SMBus Write Byte
The Write Byte is used to write one byte of data to a specific register, as shown in the following table.
Table 6-2. SMBus Write Byte Protocol
START
Slave Address
WR ACK Register Address
ACK Register Data
ACK STOP
1 → 0
YYYY_YYY
0
0
XXh
0
XXh
0
0 → 1
6.7.2
Block Write
The Block Write is used to write multiple data bytes to a group of contiguous registers, as shown below. It
is an extension of the Write Byte protocol.
Table 6-3. Block Write Protocol
START
Slave Address
WR ACK Register Address
ACK Repeat N Times
STOP
Register Data
ACK
1 → 0
YYYY_YYY
0
0
XXh
0
XXh
0
0 → 1
Note:  When using the Block Write protocol, the internal Address Pointer will be automatically
incremented after every data byte is received. It will wrap from FFh to 00h.
Note:  The Block Write and Block Read protocols require that the Address Pointer be automatically
incremented. For a write command, the Address Pointer will be automatically incremented when the ACK
is sent to the host. There is no over or under bound limit checking and the Address Pointer will wrap
around from FFh to 00h if necessary.
Multi-Channel Low-Voltage Remote Di...
System Management Bus Protocol
© 2018 Microchip Technology Inc.
Datasheet
DS20005751A-page 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com