Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL4501SHN Datasheet(PDF) 16 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button ASL4501SHN Datasheet HTML 12Page - NXP Semiconductors ASL4501SHN Datasheet HTML 13Page - NXP Semiconductors ASL4501SHN Datasheet HTML 14Page - NXP Semiconductors ASL4501SHN Datasheet HTML 15Page - NXP Semiconductors ASL4501SHN Datasheet HTML 16Page - NXP Semiconductors ASL4501SHN Datasheet HTML 17Page - NXP Semiconductors ASL4501SHN Datasheet HTML 18Page - NXP Semiconductors ASL4501SHN Datasheet HTML 19Page - NXP Semiconductors ASL4501SHN Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
16 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
8.3.2 Output overvoltage protection programming
Due to fast changes in the supply or the output, it is possible that the output voltage is
disturbed. To avoid high voltages that may result into damage of attached components,
the ASL4501SHN offers a programmable overvoltage protection threshold. Once the
output voltage is above this threshold, the gate pin of the output stops toggling. It results in
a halt of the energy delivery to the output.
Once the output voltage recovers and is below the threshold again, the gate pin starts
toggling again. The regulation loop regulates the output back to the target value.
For stable operation of the device, the limit voltage output register should be programmed
around 5 V higher than the output voltage registers.
8.4 Coil peak current limitation
The ASL4501SHN offers a function to limit peak current inside the coil and therefore to
limit the input current for the system. Furthermore, this functionality can be used to avoid
magnetic saturation of the coils and allow some soft start feature to be realized.
With the maximum phase current Voutx registers, the maximum peak current for the
individual phases assigned to the output can be configured. Once the voltage drop
between pins SNLx and SNHx reaches this level, the gate will be turned off until the next
switching cycle. To avoid sub harmonic oscillations when the coil peak current limitation is
becoming active, the slope compensation is still active. It reduces the coil peak current
toward the end of the switching cycle to ensure stable operation of the system.
To avoid that this function interferes with the normal regulation, the limit should be placed
well above the maximum expected currents.
Table 20.
Limit voltage output 1 register (address 05h)
Bit
Symbol
Description
Value Function
7 to 0 Vmax_Vout_1[7:0]
limit output 1
00h
output 1 is turned off
...
output overvoltage protection output 1 =
0.3555
 V_Vout_1[7:0]  (1 + (333  106)  (T_junction[7:0]  38))
FFh
maximum output overvoltage protection output 1 = 90 V
Table 21.
Limit voltage output 2 register (address 06h)
Bit
Symbol
Description
Value Function
7 to 0 Vmax_Vout_2[7:0]
limit output 2
00h
output 2 is turned off
...
output overvoltage protection output 2 =
0.3555
 V_Vout_2[7:0]  (1 + (333  106)  (T_junction[7:0]  38))
FFh
maximum output over voltage protection output 2 = 90 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com