Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL4501SHN Datasheet(PDF) 38 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 38 Page - NXP Semiconductors

Back Button ASL4501SHN Datasheet HTML 34Page - NXP Semiconductors ASL4501SHN Datasheet HTML 35Page - NXP Semiconductors ASL4501SHN Datasheet HTML 36Page - NXP Semiconductors ASL4501SHN Datasheet HTML 37Page - NXP Semiconductors ASL4501SHN Datasheet HTML 38Page - NXP Semiconductors ASL4501SHN Datasheet HTML 39Page - NXP Semiconductors ASL4501SHN Datasheet HTML 40Page - NXP Semiconductors ASL4501SHN Datasheet HTML 41Page - NXP Semiconductors ASL4501SHN Datasheet HTML 42Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
38 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
15. Package outline
Fig 15. Package outline SOT617-12 (HVQFN32)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
SOT617-12
sot617-12_po
13-10-14
13-11-05
Unit
mm
max
nom
min
1.00
0.85
0.80
0.05
0.02
0.00
0.2
5.1
5.0
4.9
3.1
3.0
2.9
5.1
5.0
4.9
0.5
3.5
0.50
0.44
0.30
0.1
A
Dimensions (mm are the original dimensions)
Note
1. Plastic or metal protrusions of 0.075 mm maximum per side are not included.
HVQFN32: plastic thermal enhanced very thin quad flat package; no leads;
32 terminals; body 5 x 5 x 0.85 mm
SOT617-12
A1
b
0.30
0.21
0.18
cD(1)
Dh
E(1)
Eh
3.1
3.0
2.9
ee1
e2
3.5
L
0.5
kv
0.1
w
0.05
y
0.05
y1
0
5 mm
scale
terminal 1
index area
B
A
D
E
MO-220
C
y
C
y1
X
detail X
A
c
A1
b
e2
e1
e
e
1/2 e
1/2 e
terminal 1
index area
Dh
Eh
L
k
1
16
9
25
32
8
24
17
A
C
B
v
C
w



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com