Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL4501SHN Datasheet(PDF) 33 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 33 Page - NXP Semiconductors

Back Button ASL4501SHN Datasheet HTML 29Page - NXP Semiconductors ASL4501SHN Datasheet HTML 30Page - NXP Semiconductors ASL4501SHN Datasheet HTML 31Page - NXP Semiconductors ASL4501SHN Datasheet HTML 32Page - NXP Semiconductors ASL4501SHN Datasheet HTML 33Page - NXP Semiconductors ASL4501SHN Datasheet HTML 34Page - NXP Semiconductors ASL4501SHN Datasheet HTML 35Page - NXP Semiconductors ASL4501SHN Datasheet HTML 36Page - NXP Semiconductors ASL4501SHN Datasheet HTML 37Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
33 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
11. Static characteristics
Table 45.
Static characteristics
Minimum and maximum values are specified for the following conditions: VBAT = 5.5 V to 40 V, VEN = 4.5 V to 5.5 V,
VVCC = 4.5 V to 5.5 V and Tj = 40 C to +175 C[1]. All voltages are defined with respect to ground, positive currents flow into
the IC. Typical values are given at VVIN = 40 V, VEN = 5 V, VVCC = 5 V and Tj =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply pin VBAT
IDD
supply current
operating; no load on VGG; gate
pins LOW; one phase; one
output
513
-
mA
operating; no load on VGG; gate
pins low; four phases; two
outputs
-20
-
mA
Ioff
off-state current
EN = LOW
-
-
5
A
Vth(det)pon
power-on detection
threshold voltage
--
4.5
V
Supply pin VCC
IVCC
supply current on pin
VCC
EN = HIGH; CSB = LOW
-
-
250
A
Supply pin EN
IEN
supply current on pin EN
EN = HIGH
-
-
225
A
Output voltage
VO(acc)
output voltage accuracy
Vout1: operating accuracy 1
0.03  Vout1
 0.711
-
+0.03
 Vout1
+ 0.711
V
Vout2: operating accuracy 2
0.03  Vout2
0.711
-
+0.03
 Vout2
+ 0.711
V
VO
output voltage
bit Vout1_ok/Vout2_ok is set
when VO is within the range
regarding the target value
5.4
-
+2.4
V
Regulated voltage output
VVGG
voltage on pin VGG
VBAT  VVGG + Vdo(reg)VGG
[2] 4.46
-
10.04
V
bit VGG_ok is set when VVGG is
within the range regarding the
target value
[2]
2.4
-
+2.4
V
Vdo(reg)VGG
regulator dropout voltage
on pin VGG
IVGG  50 mA; regulator in
saturation
-0.5
1.0
V
IVGG  160 mA; regulator in
saturation
-1.6
3.2
V
Vreg(acc)VGG regulator voltage
accuracy on pin VGG
25
C to T
j(max)
5-
+5
%
40 C to +25 C
7-
+5
%
CVGG
capacitor on pin VGG
ESR
 0.1 
-1
-
F
V
voltage variation
deviation from average peak
current value at sense pins;
before subtracting slope
compensation 160 mV,
corresponding to a peak set
value of 16 A at 10 m
R
sense
[3]
2.5
-
+2.5
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com