Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL4501SHN Datasheet(PDF) 18 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button ASL4501SHN Datasheet HTML 14Page - NXP Semiconductors ASL4501SHN Datasheet HTML 15Page - NXP Semiconductors ASL4501SHN Datasheet HTML 16Page - NXP Semiconductors ASL4501SHN Datasheet HTML 17Page - NXP Semiconductors ASL4501SHN Datasheet HTML 18Page - NXP Semiconductors ASL4501SHN Datasheet HTML 19Page - NXP Semiconductors ASL4501SHN Datasheet HTML 20Page - NXP Semiconductors ASL4501SHN Datasheet HTML 21Page - NXP Semiconductors ASL4501SHN Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
18 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
8.6.1 Frequency trimming
It is mandatory to adjust the internal oscillator frequency of the device to ensure the
ASL4501SHN is operating within the specified oscillator frequency range.
To measure the actual internal frequency, the device measures the time that the CSB pin
is LOW during an SPI transfer. This time information is used to adjust the oscillator
frequency of the device. The recommended procedure for the time adjustment is shown in
Figure 7.
At the start of the sequence, the CSB LOW count feature is activated. It is done by setting
the Cnt_CSB bit HIGH in the frequency trimming control register (bit 3; register 00h). The
device now measures the time with its internal time domain each time the CSB pin is
LOW. It makes this information available in the CSB count registers. To allow an exact
stable reading, set the Cnt_CSB bit LOW again with an accurately known CSB LOW time.
Setting the bit LOW freezes the count registers. These registers store the last value,
which in this case is the command that sets the Cnt_CSB bit LOW.
The CSB count registers contain the count of the CSB LOW time of the last SPI command
the CSB LOW count feature was enabled. CSB count register 1 contains the bits 7 to 0 of
the counter, while the CSB count register 2 contains the bits 15 to 8.
Fig 7.
Frequency trimming flow
Table 25.
CSB count register 1 (address 41h)
Bit
Symbol
Description
Value
Function
7 to 0
CSB_cnt[7:0]
CSB count LOW
...
count value (bits 7 to 0)
aaa-017534
COUNT as
expected?
Frequency
trimming start
End frequency
trimming
yes
remark: count = CSB LOW TIME
(± 1 %)
fosc_trimmed
1
no
Enable CSB low
count feature
(CNT_CSB = 1)
Disable CSB low
count feature
(CNT_CSB = 0)
With defined, CSB
LOW TIME
Read CSB
count registers
Adjust frequency
trimming register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com