Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL4501SHN Datasheet(PDF) 34 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button ASL4501SHN Datasheet HTML 30Page - NXP Semiconductors ASL4501SHN Datasheet HTML 31Page - NXP Semiconductors ASL4501SHN Datasheet HTML 32Page - NXP Semiconductors ASL4501SHN Datasheet HTML 33Page - NXP Semiconductors ASL4501SHN Datasheet HTML 34Page - NXP Semiconductors ASL4501SHN Datasheet HTML 35Page - NXP Semiconductors ASL4501SHN Datasheet HTML 36Page - NXP Semiconductors ASL4501SHN Datasheet HTML 37Page - NXP Semiconductors ASL4501SHN Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
34 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
[1]
All parameters are guaranteed over the virtual junction temperature range by design. Factory testing uses correlated test conditions to
cover the specified temperature and power supply voltage range.
[2]
VGG refers to both VGG1 and VGG2.
[3]
For a given system with VBAT = 13.5 V, Voutx = 50 V, L = 15 H, Rsense =10m, fsw = 400 kHz, optimized device configuration and
30 W output power per phase, the maximum current deviation will be less than 225 mA from the average value.
[4]
Additional features include protection against load dump transient voltages of up to 60 V and thermal shutdown when the junction
temperature of the ASL4501SHN exceeds 175
C.
V
slope
slope voltage difference
deviation from average slope
voltage value at sense pins;
subtraction of slope
compensation is 10.9 mV, equal
to 10.9 A at 10 m
R
sense and
Rslope setting of 1 k
[3]
8-
+8
%
Serial peripheral interface inputs; pins SDI, SCLK and CSB
Vth(sw)
switching threshold
voltage
0.3VCC
-0.7VCC
V
Rpd(int)SCLK
internal pull-down
resistance on pin SCLK
40
-
80
k
Rpd(int)CSB
internal pull-down
resistance on pin CSB
40
-
80
k
Rpd(int)SDI
internal pull-down
resistance on pin SDI
40
-
80
k
Serial peripheral interface data output; pin SDO
VOH
HIGH-level output
voltage
IOH = 4 mA;
VCC = 4.5 V to 5.5 V
VCC  0.4
-
-
V
VOL
LOW-level output voltage IOL = 4 mA;
VCC = 4.5 V to 5.5 V
--
0.4
V
ILOZ
OFF-state output
leakage current
VCSB = VCC; VO = 0 V to VCC;
VCC = 4.5 V to 5.5 V
5-
+5
A
Temperature protection
T
j
junction temperature
variation
measurement provided via
register 46h; Tj =130 C
20
-
+20
C
Tsd(otp)
overtemperature
protection shutdown
temperature
[4] 150
175
200
C
VBAT monitoring
VVBAT
accuracy of voltage
measurement on
pin VBAT
0.035  V
BAT
 0.3555
-
+0.035
 V
BAT
+0.3555
V
Table 45.
Static characteristics …continued
Minimum and maximum values are specified for the following conditions: VBAT = 5.5 V to 40 V, VEN = 4.5 V to 5.5 V,
VVCC = 4.5 V to 5.5 V and Tj = 40 C to +175 C[1]. All voltages are defined with respect to ground, positive currents flow into
the IC. Typical values are given at VVIN = 40 V, VEN = 5 V, VVCC = 5 V and Tj =25 C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com