Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL4501SHN Datasheet(PDF) 31 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 31 Page - NXP Semiconductors

Back Button ASL4501SHN Datasheet HTML 27Page - NXP Semiconductors ASL4501SHN Datasheet HTML 28Page - NXP Semiconductors ASL4501SHN Datasheet HTML 29Page - NXP Semiconductors ASL4501SHN Datasheet HTML 30Page - NXP Semiconductors ASL4501SHN Datasheet HTML 31Page - NXP Semiconductors ASL4501SHN Datasheet HTML 32Page - NXP Semiconductors ASL4501SHN Datasheet HTML 33Page - NXP Semiconductors ASL4501SHN Datasheet HTML 34Page - NXP Semiconductors ASL4501SHN Datasheet HTML 35Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
31 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
8.11.4.3
Internal registers
The ASL4501SHN uses the SPI registers to control some internal functions. In order to
avoid any unintended behavior of the device, do not modify these registers but leave them
all at their default value.
8.11.4.4
Diagnostic registers
The ASL4501SHN provides diagnostic data via some SPI registers. These registers are
read only, but error bits can be cleared via a write access to the register.
Table 41.
Internal register group
Address Name
Reset value
7
6
5
4
3
2
1
0
19h
internal 1
82h
-
-----
--
25h
internal 2
27h
-
-----
--
26h
internal 3
3Bh
-
-----
--
2Fh
internal 4
E8h
-
-----
--
30h
internal 5
09h
-
-----
--
Table 42.
Diagnostic register group overview
Address
Name
7
6
5
4
3
2
1
0
41h
CSB count low
CSB_cnt[7:0]
42h
CSB count high
CSB_cnt[15:8]
45h
battery voltage
V_VBAT[7:0]
46h
junction temperature
T_junction[7:0]
4Ch
calibration result register
Calib_value[7:0]
5Fh
diagnostic register
Vout1_ok Vout2_ok VGG_ok
Tj_err
VIN_UV
VIN_OV
SPI_err
VGG_err



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com