Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL4501SHN Datasheet(PDF) 20 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button ASL4501SHN Datasheet HTML 16Page - NXP Semiconductors ASL4501SHN Datasheet HTML 17Page - NXP Semiconductors ASL4501SHN Datasheet HTML 18Page - NXP Semiconductors ASL4501SHN Datasheet HTML 19Page - NXP Semiconductors ASL4501SHN Datasheet HTML 20Page - NXP Semiconductors ASL4501SHN Datasheet HTML 21Page - NXP Semiconductors ASL4501SHN Datasheet HTML 22Page - NXP Semiconductors ASL4501SHN Datasheet HTML 23Page - NXP Semiconductors ASL4501SHN Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
20 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
The calibration result register contains the calibration results based on the selection of the
Calib/Ftrim[4:0] setting in Table 27.
Table 28.
Calib/Ftrim settings
Bit
Symbol
Description
Value
Function
4 to 0
Calib/Ftrim[4:0] frequency trimming
bits
01000
default frequency
 33.33 %
01001
default frequency
 30.56 %
01010
default frequency
 27.78 %
01011
default frequency
 25.00 %
01100
default frequency
 22.22 %
01101
default frequency
 19.44 %
01110
default frequency
 16.67 %
01111
default frequency
 13.89 %
00000
default frequency
 11.11 %
00001
default frequency
 8.33 %
00010
default frequency
 5.56 %
00011
default frequency
 2.78 %
00100
default frequency
00101
default frequency + 2.78 %
00110
default frequency + 5.56 %
00111
default frequency + 8.33 %
11000
default frequency + 11.11 %
11001
default frequency + 13.89 %
11010
default frequency + 16.67 %
11011
default frequency + 19.44 %
11100
default frequency + 22.22 %
11101
default frequency + 25.00 %
11110
default frequency + 27.78 %
11111
default frequency + 30.56 %
10000
default frequency + 33.33 %
10001
default frequency + 36.11 %
others
not allowed
content of calibration
result register (4Ch);
Calib/Ftrim[4:0] select
the content available
in register 4Ch
bit 0 - calibration complete bit:
1 = calibration complete; 0 = calibration ongoing
4h
bits 4 to 0 calibration value REF2
6h
bits 4 to 0 calibration value CAL2
8h
bits 4 to 0 calibration value REF3
Ah
bits 4 to 0 calibration value CAL3
Ch
bits 4 to 0 calibration value REF4
Eh
bits 4 to 0 calibration value CAL4
Table 29.
Calibration result register (address 4Ch)
Bit
Symbol
Description
Value
Function
7 to 0
Calib_value[7:0]
calibration value as selected
per Calib/Ftrim[4:0] setting
read only
calibration info per
Calib/Ftrim[4:0] setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com