Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL4501SHN Datasheet(PDF) 27 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 27 Page - NXP Semiconductors

Back Button ASL4501SHN Datasheet HTML 23Page - NXP Semiconductors ASL4501SHN Datasheet HTML 24Page - NXP Semiconductors ASL4501SHN Datasheet HTML 25Page - NXP Semiconductors ASL4501SHN Datasheet HTML 26Page - NXP Semiconductors ASL4501SHN Datasheet HTML 27Page - NXP Semiconductors ASL4501SHN Datasheet HTML 28Page - NXP Semiconductors ASL4501SHN Datasheet HTML 29Page - NXP Semiconductors ASL4501SHN Datasheet HTML 30Page - NXP Semiconductors ASL4501SHN Datasheet HTML 31Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
27 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
During the SPI data transfer, the identifier byte and the actual content of the addressed
registers is returned via the SDO pin. The same happens for pure read accesses. Here
the read-only bit must be set on logic 1. The content of the data bytes that are transmitted
to the ASL4501SHN is ignored.
The ASL4501SHN monitors the number of data bits that are transmitted. If the number is
not 16, or a multiple of 16, then a write access is ignored and the SPI error indication bit is
set.
8.11.2 Typical use case illustration (write/read)
Consider a daisy chain scheme with one master connected to four slaves in daisy chain
fashion. The following commands are performed during one sequence (first sequence):
• Write data FFh to the register 1Ah slave 1
• Read from register 02h of slave 2
• Write data AFh to the register 2Fh of slave 3
• Read from register 44h of slave 4
Fig 11. Physical parallel slave connection
aaa-024031
SDI
ASL4501SHN
CSB
SDO
SCLK
SDI
ASLxxxxSHN
CSB
SDO
SCLK
SDI
ASLxxxxSHN
CSB
SDO
SCLK
µC
CSB1
MOSI
SCLK
SOMI
CSB2
CSB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com