Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL4501SHN Datasheet(PDF) 21 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button ASL4501SHN Datasheet HTML 17Page - NXP Semiconductors ASL4501SHN Datasheet HTML 18Page - NXP Semiconductors ASL4501SHN Datasheet HTML 19Page - NXP Semiconductors ASL4501SHN Datasheet HTML 20Page - NXP Semiconductors ASL4501SHN Datasheet HTML 21Page - NXP Semiconductors ASL4501SHN Datasheet HTML 22Page - NXP Semiconductors ASL4501SHN Datasheet HTML 23Page - NXP Semiconductors ASL4501SHN Datasheet HTML 24Page - NXP Semiconductors ASL4501SHN Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
21 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
8.7 Gate supply voltage
The ASL4501SHN has an integrated linear regulator to generate the supply voltage of the
gate drivers. The integrated linear regulator is internally connected to the pins VGG1 and
VGG2. The voltage generated by the linear regulator can be set via the VGG control
register.
If a setting between 00h and 5Dh is used, a gate driver voltage is targeted that exceeds
the limiting values of the IC. Do not program these settings. To ensure that only values in
the allowed range are set inside the IC, read back the programmed value immediately
after setting it.
If a setting between FFh and B7h is used, the device may not start up VGG. If the device
operates, parameters of VGG are not guaranteed.
8.7.1 Gate voltage supply diagnostics
The diagnostic options for the gate voltage supply are:
Gate driver available; details can be found in Section 8.10
Gate driver protection active; details can be found in Section 8.10
8.8 Supply voltage monitoring
When at least one of the outputs is enabled and bit VGG_ok is set, the ASL4501SHN
continuously measures the voltage at pin VBAT. It allows the system to monitor the supply
voltage without additional external components. It also offers the option to put an
automatic undervoltage or overvoltage protection in place.
Note: The VIN_UV and VIN_OV bits in the status register use the battery voltage
measurement. As a result, the VIN_UV and VIN_OV bits are only reliable when at least
one output is enabled.
8.8.1 Battery voltage measurement
The ASL4501SHN continuously measures the voltage at pin VBAT. The measurement
result is available in the battery voltage register when at least one output is enabled.
Table 30.
VGG control register (address 15h)
Bit
Symbol
Description
Value Function
7 to 0 VGG[7:0]
supply voltage for gate drivers
00h
not allowed
...
not allowed
5Dh
maximum output voltage = 10.3 V
...
16.25 V
 64 mV  VGG[7:0]
B7h
minimum output voltage = 4.54 V
...
not allowed
FFh
not allowed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com