Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL4501SHN Datasheet(PDF) 12 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button ASL4501SHN Datasheet HTML 8Page - NXP Semiconductors ASL4501SHN Datasheet HTML 9Page - NXP Semiconductors ASL4501SHN Datasheet HTML 10Page - NXP Semiconductors ASL4501SHN Datasheet HTML 11Page - NXP Semiconductors ASL4501SHN Datasheet HTML 12Page - NXP Semiconductors ASL4501SHN Datasheet HTML 13Page - NXP Semiconductors ASL4501SHN Datasheet HTML 14Page - NXP Semiconductors ASL4501SHN Datasheet HTML 15Page - NXP Semiconductors ASL4501SHN Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
12 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
8.2.4 Enabling of connected phases
The gate driver enable register is used to configure which of the phases is active.
8.2.5 Boost converter frequencies configuration
The operation frequency of the boost converters can be set with via several SPI registers.
To ensure a stable phase delay between the different phases, all timings are derived from
the same oscillator. An integer number downscales the internal oscillator frequency for
each regulation loop. This slower clock is then used to control the off time of a phase. It
also controls the delay from one phase of the regulation loop to the next internal phase.
The number of phases determinates finally when the phase is turned on again and defines
so the operation frequency of the boost converter.
Table 9.
Gate driver enable (address 01h)
Bit
Symbol
Description
Value
Function
7 to 4
-
reserved
0000
reserved for future use: keep clear
3
EN_G4
phase 4 enabled
0
phase 4 is off
1
phase 4 is enabled
2
EN_G3
phase 3 enabled
0
phase 3 is off
1
phase 3 is enabled
1
EN_G2
phase 2 enabled
0
phase 2 is off
1
phase 2 is enabled
0
EN_G1
phase 1 enabled
0
phase 1 is off
1
phase 1 is enabled
Fig 6.
Phase control generator
aaa-017533
PHASE CONTROL GENERATOR
combined
reset
Ph0
PHASE
GATING
COUNTER
COUNTER (DIV N)
switching
frequency
phase delay and
phase off parameters
phase active
phase_gen_rst
rst_n
clk
config change
Ph1
Ph2
Ph3
slope comp clk



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com