| Electronic Components Datasheet Search |
|
ASL4501SHN Datasheet(PDF) 7 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
ASL4501SHN Datasheet(HTML) 7 Page - NXP Semiconductors |
|
7 / 43 page ![]() ASL4501SHN All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2018. All rights reserved. Product data sheet Rev. 2 — 10 January 2018 7 of 43 NXP Semiconductors ASL4501SHN Four-phase boost converter 8.1 Operating modes [1] Setting the bit cfg_dn to logic 0 also grants write access to the configuration registers. 8.1.1 Off mode The ASL4501SHN switches to off mode, if the input voltage drops below the power-on detection threshold voltage (Vth(det)pon) or the EN pin is LOW. In off mode, the SPI and all outputs are turned off. 8.1.2 Configuration mode The ASL4501SHN switches immediately from off mode to configuration mode, when the input voltage rises above the power-on detection threshold voltage (Vth(det)pon) and pin EN is HIGH. The configuration registers can be set when the ASL4501SHN is in the configuration mode. 8.1.3 Operation mode The ASL4501SHN switches from configuration mode to operation mode, as soon as the configuration done bit is set. Once the bit is set, the configuration registers are locked and cannot be changed. In operation mode, the output is available as configured via the SPI. Setting bits Vout1en or Vout2en, initiates the gate driver. Once the gate driver is in regulation, signaled by bit VGG_ok, the respective programmed target voltages are turned on. When the converters are on, the battery monitoring functionality is available. Table 3. Operating modes Mode Control registers Configuration registers Diagnostic registers VGG Vout1 Vout2 Remarks Off n.a. n.a. n.a. off off device is off, no communication possible Configuration read/write read/write read off off VGG is off if no outputs were previously enabled read according to register off VGG is on as soon as one of the outputs has been enabled Operation read/write read read locked according to register configuration registers are locked Fail silent read/write read read[1] off off communication possible, but all outputs off; restart via EN possible Calibration read/write read/write read must be turned on must be turned off for successful calibration, the device has to be correctly configured, VGG has to be on and the outputs off; it is achieved by putting cfg_dn HIGH and LOW after the configuration of the device |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |