Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL4501SHN Datasheet(PDF) 42 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 42 Page - NXP Semiconductors

Back Button ASL4501SHN Datasheet HTML 35Page - NXP Semiconductors ASL4501SHN Datasheet HTML 36Page - NXP Semiconductors ASL4501SHN Datasheet HTML 37Page - NXP Semiconductors ASL4501SHN Datasheet HTML 38Page - NXP Semiconductors ASL4501SHN Datasheet HTML 39Page - NXP Semiconductors ASL4501SHN Datasheet HTML 40Page - NXP Semiconductors ASL4501SHN Datasheet HTML 41Page - NXP Semiconductors ASL4501SHN Datasheet HTML 42Page - NXP Semiconductors ASL4501SHN Datasheet HTML 43Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 42 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
42 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
19. Tables
Table 1.
Ordering information . . . . . . . . . . . . . . . . . . . . .3
Table 2.
Pin description[1] . . . . . . . . . . . . . . . . . . . . . . . .4
Table 3.
Operating modes . . . . . . . . . . . . . . . . . . . . . . . .7
Table 4.
Internal phase control enable for phase logic 1
(address 0Bh) . . . . . . . . . . . . . . . . . . . . . . . . . .9
Table 5.
Internal phase control enable for phase logic 2
(address 0Ch) . . . . . . . . . . . . . . . . . . . . . . . . . .9
Table 6.
Gate driver output (address 02h) . . . . . . . . . . .10
Table 7.
Gate driver phase (address 0Fh) . . . . . . . . . . .10
Table 8.
Phase selection configuration (address 10h) . .10
Table 9.
Gate driver enable (address 01h) . . . . . . . . . .12
Table 10. Clock divider for Vout1 (address 09h) . . . . . . .13
Table 11. Clock divider for Vout2 (address 0Ah) . . . . . . .13
Table 12. Phase-off time and phase delay of output 1
(address 0Dh) . . . . . . . . . . . . . . . . . . . . . . . . .13
Table 13. Phase-off time and phase delay of output 2
(address 0Eh) . . . . . . . . . . . . . . . . . . . . . . . . .13
Table 14. Loop filter proportional configuration
(address 11h) . . . . . . . . . . . . . . . . . . . . . . . . . .14
Table 15. Loop filter integral configuration (address 12h) 14
Table 16. Slope compensation configuration
(address 13h) . . . . . . . . . . . . . . . . . . . . . . . . .14
Table 17. Current sense slope resistor configuration
(address 14h) . . . . . . . . . . . . . . . . . . . . . . . . .15
Table 18. Output voltage 1 register (address 03h) . . . . .15
Table 19. Output voltage 2 register (address 04h) . . . . .15
Table 20. Limit voltage output 1 register (address 05h) .16
Table 21. Limit voltage output 2 register (address 06h) .16
Table 22. Maximum phase current Vout1 register
(address 07h) . . . . . . . . . . . . . . . . . . . . . . . . .17
Table 23. Maximum phase current Vout2 register
(address 08h) . . . . . . . . . . . . . . . . . . . . . . . . . 17
Table 24. Function control register (address 00h) . . . . . 17
Table 25. CSB count register 1 (address 41h) . . . . . . . . 18
Table 26. CSB count register 2 (address 42h) . . . . . . . . 19
Table 27. Calibration/frequency trimming register
(address 1Ch) . . . . . . . . . . . . . . . . . . . . . . . . . 19
Table 28. Calib/Ftrim settings . . . . . . . . . . . . . . . . . . . . . 20
Table 29. Calibration result register (address 4Ch) . . . . 20
Table 30. VGG control register (address 15h) . . . . . . . . 21
Table 31. Battery voltage register (address 45h) . . . . . . 22
Table 32. Undervoltage threshold register
(address 1Bh) . . . . . . . . . . . . . . . . . . . . . . . . . 22
Table 33. Overvoltage threshold register (address 1Ah) 22
Table 34. Junction temperature register (address 46h) . 22
Table 35. Diagnostic register (address 5Fh) . . . . . . . . . . 23
Table 36. SPI frame format for a transition to the device 25
Table 37. SPI frame format for a transition from the
device. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 26
Table 38. Grouping of the register space. . . . . . . . . . . . . 29
Table 39. Control register group overview . . . . . . . . . . . . 29
Table 40. Configuration register group overview . . . . . . . 30
Table 41. Internal register group . . . . . . . . . . . . . . . . . . . 31
Table 42. Diagnostic register group overview . . . . . . . . . 31
Table 43. Limiting values . . . . . . . . . . . . . . . . . . . . . . . . 32
Table 44. Thermal characteristics . . . . . . . . . . . . . . . . . . 32
Table 45. Static characteristics . . . . . . . . . . . . . . . . . . . . 33
Table 46. Dynamic characteristics . . . . . . . . . . . . . . . . . 35
Table 47. Revision history . . . . . . . . . . . . . . . . . . . . . . . . 39
20. Figures
Fig 1.
Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . .3
Fig 2.
Pin configuration . . . . . . . . . . . . . . . . . . . . . . . . . .4
Fig 3.
State diagram. . . . . . . . . . . . . . . . . . . . . . . . . . . . .6
Fig 4.
Boost converter phase circuit . . . . . . . . . . . . . . . .8
Fig 5.
Mapping of virtual phases (V1_1 to V2_4) to
physical phases (G1 to G4) . . . . . . . . . . . . . . . . . .9
Fig 6.
Phase control generator . . . . . . . . . . . . . . . . . . .12
Fig 7.
Frequency trimming flow . . . . . . . . . . . . . . . . . . .18
Fig 8.
SPI timing protocol. . . . . . . . . . . . . . . . . . . . . . . .25
Fig 9.
SPI frame format . . . . . . . . . . . . . . . . . . . . . . . . .25
Fig 10. Daisy chain configuration. . . . . . . . . . . . . . . . . . .26
Fig 11. Physical parallel slave connection . . . . . . . . . . . .27
Fig 12. SPI frame format . . . . . . . . . . . . . . . . . . . . . . . . .28
Fig 13. SPI timing diagram . . . . . . . . . . . . . . . . . . . . . . .36
Fig 14. ASL4501SHN, configured as four-phase, single
output boost converter . . . . . . . . . . . . . . . . . . . . .37
Fig 15. Package outline SOT617-12 (HVQFN32) . . . . . .38



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com