Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ASL4501SHN Datasheet(PDF) 39 Page - NXP Semiconductors

Part # ASL4501SHN
Description  Four-phase boost converter
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ASL4501SHN Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button ASL4501SHN Datasheet HTML 35Page - NXP Semiconductors ASL4501SHN Datasheet HTML 36Page - NXP Semiconductors ASL4501SHN Datasheet HTML 37Page - NXP Semiconductors ASL4501SHN Datasheet HTML 38Page - NXP Semiconductors ASL4501SHN Datasheet HTML 39Page - NXP Semiconductors ASL4501SHN Datasheet HTML 40Page - NXP Semiconductors ASL4501SHN Datasheet HTML 41Page - NXP Semiconductors ASL4501SHN Datasheet HTML 42Page - NXP Semiconductors ASL4501SHN Datasheet HTML 43Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 39 / 43 page
background image
ASL4501SHN
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2018. All rights reserved.
Product data sheet
Rev. 2 — 10 January 2018
39 of 43
NXP Semiconductors
ASL4501SHN
Four-phase boost converter
16. Revision history
Table 47.
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
ASL4501SHN v.2
20180110
Product data sheet
-
ASL4501SHN v.1
Modifications:
Updated formula for VGG setting: Table 30 “VGG control register (address 15h)”
Updated formula for output voltage settings and input voltage measurements:
– Table 18 “Output voltage 1 register (address 03h)”
– Table 19 “Output voltage 2 register (address 04h)”
– Table 20 “Limit voltage output 1 register (address 05h)”
– Table 21 “Limit voltage output 2 register (address 06h)”
– Table 31 “Battery voltage register (address 45h)”
– Table 32 “Undervoltage threshold register (address 1Bh)”
– Table 33 “Overvoltage threshold register (address 1Ah)”
ASL4501SHN v.1
20170629
Product data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com