Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 19 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 19 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 15Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 16Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 17Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 18Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 19Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 20Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 21Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 22Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 492 page
background image
Table 6-4. Device ID
Device Name
Signature Bytes Address
0x00
0x01
0x02
ATtiny417
0x1E
0x92
0x20
ATtiny817
0x1E
0x93
0x20
6.8
I/O Memory
All ATtiny417/817 I/Os and peripherals are located in the I/O space. The I/O address range from 0x00 to
0x3F can be accessed in a single cycle using IN and OUT instructions. The Extended I/O space from
0x0040 - 0x0FFF can be accessed by the LD/LDS/LDD and ST/STS/STD instructions, transferring data
between the 32 general purpose working registers and the I/O space.
I/O Registers within the address range 0x00 - 0x1F are directly bit-accessible using the SBI and CBI
instructions. In these registers, the value of single bits can be checked by using the SBIS and SBIC
instructions. Refer to the Instruction Set section for more details.
For compatibility with future devices, reserved bits should be written to zero if accessed. Reserved I/O
memory addresses should never be written.
Some of the interrupt flags are cleared by writing a '1' to them. On ATtiny417/817 devices, the CBI and
SBI instructions will only operate on the specified bit, and can therefore be used on registers containing
such interrupt flags. The CBI and SBI instructions work with registers 0x00 - 0x1F only.
General Purpose I/O Registers
The ATtiny417/817 devices provide four General Purpose I/O Registers. These registers can be used for
storing any information, and they are particularly useful for storing global variables and interrupt flags.
General Purpose I/O Registers, which recide in the address range 0x1C - 0x1F, are directly bit-accessible
using the SBI, CBI, SBIS, and SBIC instructions.
Related Links
Memory Map
Peripheral Module Address Map
Instruction Set Summary
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com