Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 25 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 25 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 21Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 22Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 23Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 24Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 25Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 26Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 27Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 28Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 29Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 492 page
background image
Name: 
BODCFG
Offset:  0x01
Reset: 
-
Property:
 
-
Bit
7
6
5
4
3
2
1
0
LVL[2:0]
SAMPFREQ
ACTIVE[1:0]
SLEEP[1:0]
Access
R
R
R
R
R
R
R
R
Reset
0
0
0
0
0
0
0
0
Bits 7:5 – LVL[2:0]: BOD Level
This value is loaded into the LVL bit field of the BOD Control B register (BOD.CTRLB) during Reset.
Value
Name
Description
0x0
BODLEVEL0
1.8V
0x1
BODLEVEL1
2.15V
0x2
BODLEVEL2
2.60V
0x3
BODLEVEL3
2.95V
0x4
BODLEVEL4
3.30V
0x5
BODLEVEL5
3.70V
0x6
BODLEVEL6
4.00V
0x7
BODLEVEL7
4.30V
Bit 4 – SAMPFREQ: BOD Sample Frequency
This value is loaded into the SAMPFREQ bit of the BOD Control A register (BOD.CTRLA) during Reset.
Value
Description
0x0
Sample frequency is 1kHz
0x1
Sample frequency is 125Hz
Bits 3:2 – ACTIVE[1:0]: BOD Operation Mode in Active and Idle
This value is loaded into the ACTIVE bit field of the BOD Control A register (BOD.CTRLA) during Reset.
Value
Description
0x0
Disabled
0x1
Enabled
0x2
Sampled
0x3
Enabled with wake-up halted until BOD is ready
Bits 1:0 – SLEEP[1:0]: BOD Operation Mode in Sleep
This value is loaded into the SLEEP bit field of the BOD Control A register (BOD.CTRLA) during Reset.
Value
Description
0x0
Disabled
0x1
Enabled
0x2
Sampled
0x3
Reserved
Related Links
Register Summary - BOD
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com