Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 47 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 47 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 43Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 44Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 45Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 46Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 47Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 48Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 49Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 50Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 492 page
background image
Table 9-1. NVMCTRL System Dependencies
Dependency
Applicable
Peripheral
Clocks
Yes
CLKCTRL
I/O Lines and Connections
No
-
Interrupts
Yes
CPUINT
Events
No
-
Debug
Yes
UPDI
Related Links
Clocks
Debug Operation
Interrupts
9.2.2.1
Clocks
This peripheral always runs on the CPU clock (CLK_CPU). It will request this clock also in sleep modes if
a write/erase is ongoing.
Related Links
CLKCTRL - Clock Controller
9.2.2.2
I/O Lines and Connections
Not applicable.
9.2.2.3
Interrupts
Using the interrupts of this peripheral requires the Interrupt Controller to be configured first.
9.2.2.4
Events
Not applicable.
9.2.2.5
Debug Operation
When run-time debugging, this peripheral will continue normal operation. Halting the CPU in debugging
mode will halt normal operation of the peripheral.
If the peripheral is configured to require periodical service by the CPU through interrupts or similar,
improper operation or data loss may result during halted debugging.
Related Links
UPDI - Unified Program and Debug Interface
9.3
Functional Description
9.3.1
Memory Organization
9.3.1.1
Flash
The Flash is divided into a set of pages. A page is the basic unit addressed when programming the Flash.
It is only possible to write or erase a whole page at a time. One page consists of several words.
The Flash can be divided into three sections in blocks of 256 bytes for different security. The three
different sections are BOOT, application code (APPCODE) and application data (APPDATA).
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 47



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com