Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 27 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 27 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 23Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 24Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 25Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 26Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 27Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 28Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 29Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 30Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 492 page
background image
Bit
7
6
5
4
3
2
1
0
CMPDEN
CMPCEN
CMPBEN
CMPAEN
CMPD
CMPC
CMPB
CMPA
Access
R
R
R
R
R
R
R
R
Reset
0
0
0
0
0
0
0
0
Bits 4, 5, 6, 7 – CMPAEN, CMPBEN, CMPCEN, CMPDEN: Compare x Enable
Value
Description
0
Compare x output on Pin is disabled
1
Compare x output on Pin is enabled
Bits 0, 1, 2, 3 – CMPA, CMPB, CMPC, CMPD: Compare x
This bit selects the default state of Compare x after Reset, or when entering debug if FAULTDET is '1'.
Value
Description
0
Compare x default state is 0
1
Compare x default state is 1
Related Links
Register Summary - TCD
RSTCTRL - Reset Controller
6.9.4.5
System Configuration 0
Name: 
SYSCFG0
Offset:  0x05
Reset: 
0xC4
Property:
 
-
Bit
7
6
5
4
3
2
1
0
CRCSRC[1:0]
RSTPINCFG[1:0]
EESAVE
Access
R
R
R
R
R
Reset
1
1
0
1
0
Bits 7:6 – CRCSRC[1:0]: CRC Source
See CRC description for more information about the functionality.
Value
Name
Description
00
FLASH
CRC of full Flash (boot, application code and application data)
01
BOOT
CRC of boot section
10
BOOTAPP
CRC of application code and boot sections
11
NOCRC
No CRC
Bits 3:2 – RSTPINCFG[1:0]: Reset Pin Configuration
These bits select the Reset/UPDI pin configuration.
Value
Description
0x0
GPIO
0x1
UPDI
0x2
RESET
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com