Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 16 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 16 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 12Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 13Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 14Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 15Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 16Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 17Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 18Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 19Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 492 page
background image
5.
I/O Multiplexing and Considerations
5.1
Multiplexed Signals
Table 5-1. PORT Function Multiplexing
Pin Name (1,2)
Other/Special
ADC0
PTC(3)
AC0
DAC
USART0
SPI0
TWI0
TCA0
TCB0
TCD0
CCL
23
PA0
RESET
UPDI
AIN0
LUT0-IN0
24
PA1
BREAK
AIN1
TXD
MOSI
SDA
LUT0-IN1
1
PA2
EVOUT0
AIN2
RxD
MISO
SCL
LUT0-IN2
2
PA3
EXTCLK
AIN3
XCK
SCK
WO3
3
GND
4
VDD
5
PA4
AIN4
X0/Y0
XDIR
SS
WO4
WOA
LUT0-OUT
6
PA5
AIN5
X1/Y1
OUT
WO5
WO
WOB
7
PA6
AIN6
X2/Y2
AINN0
OUT
8
PA7
AIN7
X3/Y3
AINP0
LUT1-OUT
9
PB7
10
PB6
11
PB5
CLKOUT
AIN8
AINP1
WO2
12
PB4
AIN9
AINN1
WO1
LUT0-OUT
13
PB3
TOSC1
RxD
WO0
14
PB2
TOSC2, EVOUT1
TxD
WO2
15
PB1
AIN10
X4/Y4
XCK
SDA
WO1
16
PB0
AIN11
X5/Y5
XDIR
SCL
WO0
17
PC0
SCK
WO
WOC
18
PC1
MISO
WOD
LUT1-OUT
19
PC2
EVOUT2
MOSI
20
PC3
SS
WO3
LUT1-IN0
21
PC4
BREAK
WO4
LUT1-IN1
22
PC5
WO5
LUT1-IN2
Note: 
1.
Pins names are of type Pxn, with x being the PORT instance (A,B) and n the pin number. Notation
for signals is PORTx_PINn. All pins can be used as event input.
2.
All pins can be used for external interrupt, where pins Px2 and Px6 of each port have full
asynchronous detection.
3.
PTC is only available in devices with 8KB Flash (ATtiny817). Every PTC line can be configured as
X-line or Y-line.
Tip:  Signals on alternative pin locations are in typewriter font.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com