Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 32 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 32 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 28Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 29Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 30Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 31Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 32Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 33Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 34Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 35Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 492 page
background image
Base Address
Name
Description
0x0A00
TCA0
Timer/Counter Type A instance 0
0x0A40
TCB0
Timer/Counter Type B instance 0
0x0A80
TCD0
Timer/Counter Type D instance 0
0x0F00
SYSCFG
System Configuration
0x1000
NVMCTRL
Non Volatile Memory Controller
0x1100
SIGROW
Signature Row
0x1280
FUSES
Device specific fuses
0x1300
USERROW
User Row
7.2
Interrupt Vector Mapping
Each of the 26 interrupt vectors is connected to one peripheral instance, as shown in the table below. A
peripheral can have one or more interrupt sources, see the 'Interrupt' section in the 'Functional
Description' of the respective peripheral for more details on the available interrupt sources.
When the interrupt condition occurs, an Interrupt Flag (nameIF) is set in the Interrupt Flags register of the
peripheral (peripheral.INTFLAGS).
An interrupt is enabled or disabled by writing to the corresponding Interrupt Enable bit (nameIE) in the
peripheral's Interrupt Control register (peripheral.INTCTRL).
The naming of the registers may vary slightly in some peripherals.
An interrupt request is generated when the corresponding interrupt is enabled and the Interrupt Flag is
set. The interrupt request remains active until the Interrupt Flag is cleared. See the peripheral's
INTFLAGS register for details on how to clear Interrupt Flags.
Interrupts must be enabled globally for interrupt requests to be generated.
Table 7-2. Interrupt Vector Mapping
Vector Number Peripheral Source
Definition
0
RESET
RESET
1
CRCSCAN_NMI
NMI - Non-Maskable Interrupt from CRC
2
BOD_VLM
VLM - Voltage Level Monitor
3
PORTA_PORT
PORTA - Port A
4
PORTB_PORT
PORTB - Port B
5
PORTC_PORT
PORTC - Port C
6
RTC_CNT
RTC - Real Time Counter
7
RTC_PIT
PIT - Periodic Interrupt Timer (in RTC peripheral)
8
TCA0_LUNF / TCA0_OVF
TCA0 - Timer Counter Type A, LUNF / OVF
9
TCA0_HUNF
TCA0, HUNF
10
TCA0_LCMP0 / TCA0_CMP0 TCA0, LCMP0 / CMP0
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com