Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 55 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 55 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 51Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 52Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 53Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 54Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 55Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 56Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 57Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 58Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 59Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 492 page
background image
Name: 
INTCTRL
Offset:  0x03
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
EEREADY
Access
R/W
Reset
0
Bit 0 – EEREADY: EEPROM Ready Interrupt
Writing a '1' to this bit enables the interrupt which indicates that the EEPROM is ready for new write/erase
operations.
This is a level interrupt that will be triggered only when the EEREADY flag in the INTFLAGS register is set
to zero. Thus, the interrupt should not be enabled before triggering an NVM command, as the EEREADY
flag will not be set before the NVM command issued. The interrupt should be disabled in the interrupt
handler.
9.5.5
Interrupt Flags
Name: 
INTFLAGS
Offset:  0x04
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
EEREADY
Access
R/W
Reset
0
Bit 0 – EEREADY: EEREADY Interrupt Flag
Interrupt flag for the EEPROM interrupt. This bit is cleared by writing a '1' to it. When this interrupt is
enabled, it will immediately request an interrupt, and it will continue to request interrupts continuously -
even if no EEPROM writes are initiated.
9.5.6
Data
The NVMCTRL.DATAL and NVMCTRL.DATAH register pair represents the 16-bit value,
NVMCTRL.DATA. The low byte [7:0] (suffix L) is accessible at the original offset. The high byte [15:8]
(suffix H) can be accessed at offset + 0x01. For more details on reading and writing 16-bit registers, refer
to Accessing 16-bit Registers.
Name: 
DATA
Offset:  0x06
Reset: 
0x00
Property:
 
-
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com