Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 26 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 26 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 22Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 23Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 24Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 25Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 26Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 27Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 28Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 29Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 492 page
background image
RSTCTRL - Reset Controller
6.9.4.3
Oscillator Configuration
Name: 
OSCCFG
Offset:  0x02
Reset: 
-
Property:
 
-
Bit
7
6
5
4
3
2
1
0
OSCLOCK
FREQSEL[1:0]
Access
R
R
R
Reset
0
1
0
Bit 7 – OSCLOCK: Oscillator Lock
This fuse bit is loaded to LOCK in CLKCTRL.OSC20MCALIBB during reset.
Value
Description
0
Calibration registers of the 20 MHz oscillator are accessible
1
Calibration registers of the 20 MHz oscillator are locked
Bits 1:0 – FREQSEL[1:0]: Frequency Select
These bits selects the operation frequency of the 16/20MHz internal oscillator (OSC20M), and determine
the respective factory calibration values to be written to CAL20M in CLKCTRL.OSC20MCALIBA and
TEMPCAL20M in CLKCTRL.OSC20MCALIBB.
Value
Description
0x1
Run at 16MHz with corresponding factory calibration
0x2
Run at 20MHz with corresponding factory calibration
Other
Reserved
Related Links
Register Summary - CLKCTRL
RSTCTRL - Reset Controller
6.9.4.4
Timer Counter Type D Configuration
The bit values of this fuse register are written to the corresponding bits in the TCD.FAULTCTRL register
of TCD0 at start-up.
The CMPEN and CMP settings of the TCD will only be reloaded from the FUSE values after a Power-On
Reset. For all other resets the corresponding TCD settings of the device will remain unchanged.
Name: 
TCD0CFG
Offset:  0x04
Reset: 
-
Property:
 
-
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com