Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 48 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 48 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 44Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 45Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 46Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 47Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 48Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 49Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 50Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 51Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 52Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 492 page
background image
Figure 9-2. Flash Sections
FLASHSTART: 0x8000
BOOTEND>0: 0x8000+BOOTEND*256
BO OT
APPEND>0: 0x8000+APPEND*256
AP PL ICA TIO N
CO DE
AP PL ICA TIO N
DA TA
Section Sizes
The sizes of these sections are set by the Boot Section End fuse (FUSE.BOOTEND) and Application
Code Section End fuse (FUSE.APPEND).
The fuses select the section sizes in blocks of 256 bytes. As shown in Figure 9-2, the BOOT section
stretches from the start of the Flash until BOOTEND. The APPCODE section runs from BOOTEND until
APPEND. The remaining area is the APPDATA section. If APPEND is written to 0, the APPCODE section
runs from BOOTEND to the end of Flash (removing the APPDATA section). If BOOTEND and APPEND
are written to 0, the entire Flash is regarded as BOOT section. APPEND should either be set to 0 or a
value greater or equal than BOOTEND.
Table 9-2. Setting up Flash sections
BOOTEND APPEND
BOOT section
APPCODE section
APPDATA section
0
0
0 to FLASHEND
-
-
> 0
0
0 to 256*BOOTEND
256*BOOTEND to
FLASHEND
-
> 0
==
BOOTEND
0 to 256*BOOTEND
-
256*BOOTEND to
FLASHEND
> 0
>
BOOTEND
0 to 256*BOOTEND
256*BOOTEND to
256*APPEND
256*APPEND to
FLASHEND
Note: 
•
Also see BOOTEND and APPEND descriptions.
•
Interrupt vectors are by default located after the BOOT section. This can be changed in the
interrupt controller. Refer to Interrupt Vector Locations
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 48



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com