Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 93 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 93 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 89Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 90Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 91Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 92Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 93Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 94Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 95Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 96Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 97Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 492 page
background image
14.
EVSYS - Event System
14.1
Features
•
System for direct peripheral-to-peripheral signaling
•
Peripherals can directly produce, use, and react to peripheral events
•
Short and guaranteed response time
•
Up to six parallel Event channels available; 4 asynchronous- and 2 synchronous
•
Channels can be configured to have one triggering peripheral action and multiple peripheral users
•
Peripherals can directly trigger and react to Events from other peripherals
•
Events can be sent and/or received by most peripherals, and by software
•
Works in active mode and standby sleep mode
14.2
Overview
The Event System (EVSYS) enables direct peripheral-to-peripheral signaling. It allows a change in one
peripheral (the Event Generator) to trigger actions in other peripherals (the Event Users) through Event
channels, without using the CPU. It is designed to provide short and predictable response times between
peripherals, allowing for autonomous peripheral control and interaction, and also for synchronized timing
of actions in several peripheral modules. It is thus a powerful tool for reducing the complexity, size, and
execution time of the software.
A change of the Event Generator's state is referred to as an Event, and usually corresponds to one of the
peripheral's interrupt conditions. Events can be directly forwarded to other peripherals using the
dedicated Event routing network. The routing of each channel is configured in software, including event
generation and use.
Only one trigger from an Event generator peripheral can be routed on each channel, but multiple
channels can use the same generator source. Multiple peripherals can use events from the same
channel.
A channel path can be either asynchronous or synchronous to the main clock. The mode must be
selected based on the requirements of the application.
The Event System can directly connect analog and digital converters, analog comparators, I/O port pins,
the real-time counter, timer/counters, and the configurable custom logic peripheral. Events can also be
generated from software and the peripheral clock.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 93



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com