Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 10 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 10 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 6Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 7Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 8Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 9Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 10Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 11Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 12Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 13Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 14Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 492 page
background image
1.
tinyAVR® 1-Series Overview
The figure below shows the tinyAVR 1-series, laying out pin count variants and memory sizes:
•
Vertical migration can be done upwards without code modification, since these devices are pin
compatible and provide the same or even more features. Downward migration may require code
modification due to fewer available instances of some peripherals.
•
Horizontal migration to the left reduces the pin count and therefore also the available features.
Figure 1-1. tinyAVR
®1-Series Overview
32KB
16KB
8KB
4KB
2KB
8
14
20
24
Pins
Flash
ATtiny816
ATtiny817
ATtiny814
ATtiny417
ATtiny1616
ATtiny1617
ATtiny414
ATtiny416
ATtiny412
ATtiny214
ATtiny212
ATtiny1614
Devices with different Flash memory size typically also have different SRAM and EEPROM.
The name of a device of the series contains information as depicted below:
Figure 1-2.  Device Designations
Carrier Type
AT tiny 817 - MFR
Flash size in KB
tinyAVR series
Pin count
Package up to 24 pins
7=24 pins
6=20 pins
4=14 pins
Package Type
M=VQFN
S=SOIC300
SS=SOIC150
Temperature Range
N=-40°C to +105°C
F=-40°C to +125°C
R=Tape & Reel
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com