Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATTINY817-MFR. Datasheet(PDF) 106 Page - Microchip Technology

Part # ATTINY817-MFR.
Description  AVR짰 Microcontroller with Core Independent Peripherals and picoPower짰 Technology
PDF  492 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ATTINY817-MFR. Datasheet(HTML) 106 Page - Microchip Technology

Back Button ATTINY817-MFR. Datasheet HTML 102Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 103Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 104Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 105Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 106Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 107Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 108Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 109Page - Microchip Technology ATTINY817-MFR. Datasheet HTML 110Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 492 page
background image
Bit
7
6
5
4
3
2
1
0
TWI0
SPI0
USART0
Access
R/W
R/W
R/W
Reset
0
0
0
Bit 4 – TWI0: TWI 0 communication
Write this bit to '1' to select alternative communication pins for TWI 0.
Bit 2 – SPI0: SPI 0 communication
Write this bit to '1' to select alternative communication pins for SPI 0.
Bit 0 – USART0: USART 0 communication
Write this bit to '1' to select alternative communication pins for USART 0.
15.3.3
Control C
Name: 
CTRLC
Offset:  0x02
Reset: 
0x00
Property:
 
-
Bit
7
6
5
4
3
2
1
0
TCA05
TCA04
TCA03
TCA02
TCA01
TCA00
Access
R/W
R/W
R/W
R/W
R/W
R/W
Reset
0
0
0
0
0
0
Bit 5 – TCA05: TCA0 Waveform output 5
Write this bit to '1' to select alternative output pin for TCA0 waveform output 5 in split mode.
Not applicable when TCA in normal mode.
Bit 4 – TCA04: TCA0 Waveform output 4
Write this bit to '1' to select alternative output pin for TCA0 waveform output 4 in split mode.
Not applicable when TCA in normal mode.
Bit 3 – TCA03: TCA0 Waveform output 3
Write this bit to '1' to select alternative output pin for TCA0 waveform output 3 in split mode.
Not applicable when TCA in normal mode.
Bit 2 – TCA02: TCA0 Waveform output 2
Write this bit to '1' to select alternative output pin for TCA0 waveform output 2.
In Split Mode, this bit controls output from low-byte compare channel 2.
Bit 1 – TCA01: TCA0 Waveform output 1
Write this bit to '1' to select alternative output pin for TCA0 waveform output 1.
In Split Mode, this bit controls output from low-byte compare channel 1.
ATtiny417/817
© 2017 Microchip Technology Inc.
Datasheet Complete
DS40001901B-page 106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com