Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5100S Datasheet(PDF) 40 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 40 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 36Page - WIZnet Co., Ltd W5100S Datasheet HTML 37Page - WIZnet Co., Ltd W5100S Datasheet HTML 38Page - WIZnet Co., Ltd W5100S Datasheet HTML 39Page - WIZnet Co., Ltd W5100S Datasheet HTML 40Page - WIZnet Co., Ltd W5100S Datasheet HTML 41Page - WIZnet Co., Ltd W5100S Datasheet HTML 42Page - WIZnet Co., Ltd W5100S Datasheet HTML 43Page - WIZnet Co., Ltd W5100S Datasheet HTML 44Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 110 page
background image
40 / 110
W5100S Datasheet Version1.2.5
3.2
SOCKET Register
3.2.1 Sn_MR (SOCKET n Mode Register)
[R=W] [0x0000+0x0100*(n+4)] [0x00]
Sn_MR configures SOCKET Mode and Option. Sn_MR must be set before SOCKET OPEN (Sn_CR
[OPEN] = ‘1’).
7
6
5
4
3
2
1
0
MULTI
MF
ND / MC
-
P3
P2
P1
P0
R=W
R=W
R=W
-
R=W
R=W
R=W
R=W
Bit
Symbol
Description
7
MULTI
UDP Multicast
This Bit is valid only on UDP Mode. (Ref 4.4.3 UDP Multicast)
1 : Enable UDP Multicast
0 : Disable UDP Multicast
6
MF
MAC Filter Enable
This Bit is valid only on MACRAW Mode.
If This Bit is set to ‘1’, W5100S block all Packets without Multicast,
Broadcast and the Packets no having Source MAC (SHAR).
1 : Enable MAC Filter.
0 : Disable MAC Filter
5
ND / MC
No Delayed ACK (ND)
This Bit is valid only on TCP Mode.
If this Bit is set to ‘1’, TCP Mode SOCKET transmits ACK Packet without
waiting RTR after receiving Data Packet from Peer.
1 : Enable No Delayed ACK
0 : Disable No Delayed ACK
Ref) After Sn_CR[RECV] Command operating, If TCP Mode SOCKET
Window Size is smaller than MSS, it sends ACK packet immediately. (no
concerned with ND Bit)
Multicast IGMP Version (MC)
This Bit is valid only on UDP Multicast Mode (Sn_MR[3:0] = ‘UDP’ &
Sn_MR[MULTI] = ‘1’)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com