Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5100S Datasheet(PDF) 46 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 46 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 42Page - WIZnet Co., Ltd W5100S Datasheet HTML 43Page - WIZnet Co., Ltd W5100S Datasheet HTML 44Page - WIZnet Co., Ltd W5100S Datasheet HTML 45Page - WIZnet Co., Ltd W5100S Datasheet HTML 46Page - WIZnet Co., Ltd W5100S Datasheet HTML 47Page - WIZnet Co., Ltd W5100S Datasheet HTML 48Page - WIZnet Co., Ltd W5100S Datasheet HTML 49Page - WIZnet Co., Ltd W5100S Datasheet HTML 50Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 110 page
background image
46 / 110
W5100S Datasheet Version1.2.5
Address. (Ref 4.4.3 UDP Multicast)
Ex) S0_DHAR = “11:22:33:AA:BB:CC”
S0_DHAR0(0x0406)
S0_DHAR1(0x0407)
S0_DHAR2(0x0408)
0x11
0x22
0x33
S0_DHAR3(0x0409)
S0_DHAR4(0x040A)
S0_DHAR5(0x040B)
0xAA
0xBB
0xCC
3.2.7 Sn_DIPR (SOCKET n Destination IP Address Register)
[RW] [0x000C+0x0100*(n+4), 0x000D+0x0100*(n+4), 0x000E+0x0100*(n+4),
0x000F+0x0100*(n+4)] [0x00000000]
Sn_DIPR is set with Peer IP Address. On TCP Mode, Sn_DIPR must be set with Peer IP Address
before Connection, or indicates IP Address of connected Peer. On UDP and IPRAW Mode,
Sn_DIPR must be set with Peer IP Address before sending Data.
On UDP Multicast Mode, Sn_DIPR must be configured with Multicast Group IP Address. (Ref 4.4.3
UDP Multicast)
On UDP, UDP Multicast and IPRAW Mode, Peer IP Address is stored with Data in SOCKET n RX
Buffer.
Ex) S0_DIPR = “192.168.0.11”
S0_DIPR0(0x040C)
S0_DIPR1(0x040D)
S0_DIPR2(0x040E)
S0_DIPR3(0x040F)
192 (0xC0)
168 (0xA8)
0 (0x00)
11 (0x0B)
3.2.8 Sn_DPORTR (SOCKET n Destination Port Register)
[R=W] [0x0010+0x0100*(n+4), 0x0011+0x0100*(n+4)] [0x0000]
Sn_DPORTR is set with Peer Port Number. On TCP Mode, Sn_DPORTR must be set with Peer Port
Number before Connection, or indicates Port Number of connected Peer. On UDP and IPRAW
Mode, Sn_DPORTR must be set with Peer Port Number before sending Data.
On UDP Multicast Mode, Sn_DPORTR must be configured with Multicast Group Port Number. (Ref
4.4.3 UDP Multicast)
On UDP, UDP Multicast and IPRAW Mode, Peer Port Number is stored with Data in SOCKET n RX
Buffer.
Ex) S0_DPORTR = 5000 (0x1388),
S0_DPORTR0(0x0410)
S0_DPORTR1(0x0411)
0x13
0x88
3.2.9 Sn_MSS (SOCKET n Maximum Segment Size Register)
[RW] [0x0012+0x0100*(n+4), 0x0013+0x0100*(n+4] [0x0000]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com