Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5100S Datasheet(PDF) 42 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 42 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 38Page - WIZnet Co., Ltd W5100S Datasheet HTML 39Page - WIZnet Co., Ltd W5100S Datasheet HTML 40Page - WIZnet Co., Ltd W5100S Datasheet HTML 41Page - WIZnet Co., Ltd W5100S Datasheet HTML 42Page - WIZnet Co., Ltd W5100S Datasheet HTML 43Page - WIZnet Co., Ltd W5100S Datasheet HTML 44Page - WIZnet Co., Ltd W5100S Datasheet HTML 45Page - WIZnet Co., Ltd W5100S Datasheet HTML 46Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 110 page
background image
42 / 110
W5100S Datasheet Version1.2.5
(Ref 4.3.2 TCP Client)
0x08
DISCON
TCP DISCON Command
After DISCON Command, TCP Mode SOCKET transmits FIN Packet to Peer
for TCP Disconnection in SOCK_ESTABLESHED (Sn_SR = ‘0x17’) or
SOCK_CLOSE_WAIT (Sn_SR = ‘0x1C’).
0x10
CLOSE
SOCKET CLOSE Command
After CLOSE Command, SOCKET is closed (Sn_SR = ‘0x00’).
*Caution : Sn_SR is changed to SOCK_CLOSE without FIN Packet sending in TCP
Mode
0x20
SEND
SOCKET SEND Command
After SEND Command, SOCKET sends Data as much as the calculated size
between Sn_TX_WR (SOCKET n TX Write Point Register) and Sn_TX_RD
(SOCKET n RX Read Pointer Register). The Sent Data must not be
exceeded Sn_RX_FSR (SOCKET n TX Free Buffer Size Register). HOST
must execute next SEND Command after Sn_IR [SENDOK] is set to ‘1’.
On TCP and UDP Mode, if the calculated size is over MSS (Maximum
Segment Size), Data is separated by MSS and sent.
On the other hands, on IPRAW and MACRAW Mode, if Data is over MSS,
HOST must separate it by less than MSS.
On TCP Mode, if Peer receives Data (It means TCP Mode SOCKET receives
ACK Packet from Peer), Sn_RX_FSR is automatically increased by sent
Data Size. But if not, Sn_IR [TIMEOUT] is set to ‘1’ and Sn_SR is changed
to SOCK_CLOSED.
On UDP, IPRAW and MACRAW Mode, Sn_TX_FSR is increased by sent Data
Size after Sn_IR [SENDOK] is set to ‘1’.
0x21
SEND_MAC
SOCKET SEND_MAC Command
SEND_MAC Command is used only on UDP and IPRAW Mode. Only the
different with SEND Command is that it skips ARP Process. Before using
SEND_MAC Command, HOST must set Sn_DHAR (SOCKET n Destination
Hardware Address Register) with Peer MAC Address.
0x22
SEND_KEEP
SOCKET SEND_KEEP Command
SEND_KEEP Command is used only on TCP Mode. Before using SEND_KEEP
Command, TCP Mode SOCKET must send more than 1 byte Data to Peer.
After SEND_KEEP Command, TCP Mode SOCKET continues to send Keep
alive (KA) Packet and check the TCP connection. If there is no Peer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com