Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5100S Datasheet(PDF) 52 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 52 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 48Page - WIZnet Co., Ltd W5100S Datasheet HTML 49Page - WIZnet Co., Ltd W5100S Datasheet HTML 50Page - WIZnet Co., Ltd W5100S Datasheet HTML 51Page - WIZnet Co., Ltd W5100S Datasheet HTML 52Page - WIZnet Co., Ltd W5100S Datasheet HTML 53Page - WIZnet Co., Ltd W5100S Datasheet HTML 54Page - WIZnet Co., Ltd W5100S Datasheet HTML 55Page - WIZnet Co., Ltd W5100S Datasheet HTML 56Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 110 page
background image
52 / 110
W5100S Datasheet Version1.2.5
0
UNIB
Unicast Blocking on UDP Multicast Mode
On UDP Multicast Mode, this Bit is set to ‘1’ to block UDP Unicast
Packet.
0 : Disable Unicast Blocking
1 : Enable Unicast Blocking
3.2.24 Sn_KPALVTR (SOCKET n Keep Alive Timer Register)
[RO] [0x0030+0x0100*(n+4)] [0x00]
Sn_KPALVTR sets ‘Keep Alive (KA)’ Packet transmission time. The unit is 5 sec. TCP Mode
SOCKET transmits KA Packet every Sn_KPALVTR. Before transmitting KA Packet, SOCKET must
transmit Data (over 1 Byte) Packet at least once. By Sn_CR [SENDKEEP], KA Packet is
transmitted without Sn_KPALVTR setting.
Ex) S0_KPALVTR = 10 (0x0A),
10 * 5s = 50s
S0_KPALVRT(0x0430)
0x0A
3.2.25 Sn_RTR (SOCKET n Retransmission Time Register)
[R=W] [0x0032+0x0100*(n+4), 0x0033+0x0100*(n+4)] [0x0000]
Sn_RTR sets SOCKET n Retransmission Time. If Sn_RTR is zero, SOCKET n Retransmission Time
is set by RTR. (Ref 4.8 Retransmission)
Ex) S0_RTR = 5000 (0x1388),
5000 * 100us = 0.5s
S0_RTR0(x0432)
S0_RTR1(0x0433)
0x013
0x88
3.2.26 Sn_RCR (SOCKET n Retransmission Count Register)
[R=W] [0x0034+0x0100*(n+4)] [0x00]
Sn_RCR sets SOCKET n Retransmission Counter. If Sn_RCR is zero, SOCKET n Retransmission
Counter is set by RCR. (Ref 4.8 Retransmission)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com