Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5100S Datasheet(PDF) 48 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 48 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 44Page - WIZnet Co., Ltd W5100S Datasheet HTML 45Page - WIZnet Co., Ltd W5100S Datasheet HTML 46Page - WIZnet Co., Ltd W5100S Datasheet HTML 47Page - WIZnet Co., Ltd W5100S Datasheet HTML 48Page - WIZnet Co., Ltd W5100S Datasheet HTML 49Page - WIZnet Co., Ltd W5100S Datasheet HTML 50Page - WIZnet Co., Ltd W5100S Datasheet HTML 51Page - WIZnet Co., Ltd W5100S Datasheet HTML 52Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 110 page
background image
48 / 110
W5100S Datasheet Version1.2.5
S0_RXBUF_SIZE(0x041E)
0x08
3.2.14 Sn_TXBUF_SIZE (SOCKET n TX Buffer Size Register)
[RW] [0x001F+0x0100*(n+4)] [0x02]
Sn_TXBUF_SIZE configures SOCKET n TX Buffer Size as 0, 1, 2, 4 and 8 Kbytes. TX Memory is
sequentially allocated from SOCKET 0 to SOCKET 3. The total sum of Sn_TXBUF_SIZE must not
be exceeded 8 Kbytes. Sn_TXBUF_SIZE can also be configured by RMSR.
Value (Dec)
0
1
2
4
8
Buffer size
0KB
1KB
2KB
4KB
8KB
Ex) S0_TXBUF_SIZE= 4KB
S0_TXBUF_SIZE(0x041F)
0x04
3.2.15 Sn_TX_FSR (SOCKET n TX Free Size Register)
[RO] [0x0020+0x0100*(n+4), 0x0021+0x0100*(n+4)] [0x0800]
Sn_TX_FSR indicates SOCKET n TX Free Buffer Size.
In UDP, IPRAW and MACRAW mode,
Sn_TX_FSR = | Sn_TX_WR(1) – Sn_TX_RD(2) | + 1
In TCP mode,
Sn_TX_FSR = | Sn_TX_WR – Internal Pointer(3) | + 1
(1) SOCKET n TX Write Pointer Register
(2) SOCKET n TX Read Pointer Register
(3) TCP ACK Pointer managed by W5100S
Data to be stored in SOCKET n TX Buffer must not be bigger than Sn_TX_FSR.
Ex) S0_TX_FSR = 1024 (0x0400)
S0_TX_FSR0(0x0420)
S0_TX_FSR1(0x0421)
0x04
0x00
3.2.16 Sn_TX_RD (SOCKET n TX Read Pointer Register)
[RO] [0x0022+0x0100*(n+4), 0x0023+0x0100*(n+4)] [0x0000]
Sn_TX_RD indicates the last Data Address in SOCKET n TX Buffer Block after transmitting.
Sn_TX_RD is initialized by Sn_CR [OPEN]. On TCP Mode, Sn_TX_RD is re-configured in TCP
Connection Process. By Sn_CR [SEND] and Sn_CR [SEND_MAC], Sn_TX_WR (SOCKET n TX Write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com