Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W5100S Datasheet(PDF) 67 Page - WIZnet Co., Ltd

Part # W5100S
Description  embedded Ethernet controller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WIZNET [WIZnet Co., Ltd]
Direct Link  https://www.wiznet.io/ko/Product/
Logo WIZNET - WIZnet Co., Ltd

W5100S Datasheet(HTML) 67 Page - WIZnet Co., Ltd

Back Button W5100S Datasheet HTML 63Page - WIZnet Co., Ltd W5100S Datasheet HTML 64Page - WIZnet Co., Ltd W5100S Datasheet HTML 65Page - WIZnet Co., Ltd W5100S Datasheet HTML 66Page - WIZnet Co., Ltd W5100S Datasheet HTML 67Page - WIZnet Co., Ltd W5100S Datasheet HTML 68Page - WIZnet Co., Ltd W5100S Datasheet HTML 69Page - WIZnet Co., Ltd W5100S Datasheet HTML 70Page - WIZnet Co., Ltd W5100S Datasheet HTML 71Page - WIZnet Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 110 page
background image
W5100S Datasheet Version1.2.5
67 / 110
4.4
UDP
UDP (User Datagram Protocol) is a Datagram Communication Protocol and doesn’t guarantee
the stability in Transport Layer above the IP Layer. It also provides Communication between
Applications using Port Numbers. UDP can communicate with more than one Peer and doesn’t
require the Connection Process. On the other hand, UDP has Data Loss and receives Data from
any Peers because UDP has no guarantee reliability. UDP Transmission Methods are Unicast,
Broadcast and Multicast according to Data transmit/receive range.
Figure 8 shows UDP Operation Flow.
Figure 8 UDP Operation Flow
4.4.1 UDP Unicast
UDP Unicast is the first Communication Method in which sender is one and receiver is one.
Before Data Transmit, SOCKET performs the ARP Process. In the ARP Process, if there is no
response from Peer against of ARP Request within the Retransmission Time, Sn_IR [TIMEOUT] is
set to ‘1’. (Ref 4.8.1 ARP & PING Retransmission)
If previous Destination and current Destination are the same, the ARP Process is skipped.
Also, the ARP Process is skipped by Sn_CR [SEND_MAD] and Sn_DHAR.
 OPEN
SOCKET n is configured as UDP Mode by OPEN Command.
{



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com