Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 208 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 208 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 204Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 205Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 206Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 207Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 208Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 209Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 210Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 211Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 212Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 226 page
background image
Figure 11-1. Device Nomenclature
11.2 Markings
Figure 11-2 provides an example of the 2837xD device markings and defines each of the markings. The device
revision can be determined by the symbols marked on the top of the package as shown in Figure 11-2. Some
prototype devices may have markings different from those illustrated.
YMLLLLS
YM
LLLL
S
$$
#
G4
Lot Trace Code
2-Digit Year/Month Code
Assembly Lot
Assembly Site Code
Wafer Fab Code as applicable
Silicon Revision Code
Green (Low Halogen and RoHS-compliant)
=
=
=
=
=
=
=
$$#-YMLLLLS
G4
F28379DPTPT
TMS320
Package
Pin 1
Figure 11-2. Example of Device Markings
Table 11-1. Determining Silicon Revision From Lot Trace Code
SILICON REVISION CODE
SILICON REVISION
REVID(1)
Address: 0x5D00C
COMMENTS
Blank
0
0x0000
This silicon revision is available as TMX.
A
A
0x0000
This silicon revision is available as TMX.
B
B
0x0002
This silicon revision is available as TMX.
C
C
0x0003
This silicon revision is available as TMS.
(1)
Silicon Revision ID
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
208
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com