Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320F28375DPZP Datasheet(PDF) 204 Page - Texas Instruments

Part # TMS320F28375DPZP
Description  TMS320F2837xD Dual-Core Microcontrollers
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320F28375DPZP Datasheet(HTML) 204 Page - Texas Instruments

Back Button TMS320F28375DPZP Datasheet HTML 200Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 201Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 202Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 203Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 204Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 205Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 206Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 207Page - Texas Instruments TMS320F28375DPZP Datasheet HTML 208Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 204 / 226 page
background image
9.16 Functional Safety
TMS320C2000™ MCUs are equipped with a TI release validation-based C28x and CLA Compiler Qualification
Kit (CQ-Kit), which is available for free and may be requested at the Compiler Qualification Kit web page.
Additionally, C2000™ MCUs are supported by the TI C2000 Support from Embedded Coder from MathWorks® to
generate C2000-optimized code from a Simulink® model. Simulink® enables Model-Based Design to ease the
systematic compliance process with certified tools, including Embedded Coder®, Simulink® model verification
tools, Polyspace® code verification tools, and the IEC Certification Kit for ISO 26262 and IEC 61508 compliance.
For more information, see the How to Use Simulink for ISO 26262 Projects article.
The Error Detection in SRAM Application Report provides technical information about the nature of the SRAM bit
cell and bit array, as well as the sources of SRAM failures. It then presents methods for managing memory
failures in electronic systems. This discussion is intended for electronic system developers or integrators who
are interested in improving the robustness of the embedded SRAM.
Functional Safety-Compliant products are developed using an ISO 26262/IEC 61508-compliant hardware
development process that is independently assessed and certified to meet ASIL D/SIL 3 systematic capability
(see certificate). The TMS320F2837D, TMS320F2837xS, and TMS320F2807x MCUs have been certified to
meet a component-level random hardware capability of ASIL B/SIL 2 (see certificate).
The Functional Safety-Compliant enablers include:
• A Functional Safety Manual
• A detailed, tunable, quantitative Failure Modes, Effects, and Diagnostics Analysis (FMEDA)
• A software diagnostic library that will help shorten the time to implement various software safety mechanisms
• A collection of application reports to help in the development of functionally safe systems.
A functional safety manual that describes all of the hardware and software functional safety mechanisms is
available. See the Safety Manual for TMS320F2837xD, TMS320F2837xS, and TMS320F2807x.
A detailed, tunable, fault-injected, quantitative FMEDA that enables the calculation of random hardware metrics
—as outlined in the International Organization for Standardization ISO 26262 and the International
Electrotechnical Commission IEC 61508 for automotive and industrial applications, respectively—is also
available. This tunable FMEDA must be requested; see the C2000™ Package for Automotive and Industrial
MCUs User's Guide.
• A white paper outlining the value (or benefit) of a tunable FMEDA is available. See the Functional Safety: A
tunable FMEDA for C2000™ MCUs publication.
• Parts 1 and 2 of a five-part FMEDA tuning training are available. See the C2000™ Tunable FMEDA Training
page.
Parts 3, 4, and 5 are packaged with the tunable FMEDA, and must be requested.
The C2000 Diagnostic Software Library is a collection of different safety mechanisms designed to detect faults.
These safety mechanisms target different device components, including the C28x core, the control law
accelerator (CLA), system control, static random access memory (SRAM), flash, and communications and
control peripherals. The software safety mechanisms leverage available hardware safety features such as the
C28x hardware built-in self-test (HWBIST); error detection and correction functionality on memories; parallel
signature analysis circuitry; missing clock detection logic; watchdog counters; and hardware redundancy.
Also included are software functional safety manual, user guides, example projects, and source code to help
users shorten system integration time. The library package includes a compliance support package (CSP), a
series of documents that TI used to develop and test the diagnostic software library. The CSP provides the
necessary documentation and reports to assist users with compliance to functional safety standards: software
safety requirements specifications; a software architecture document; software module design documents;
software module unit test plans; software module unit test documents; static analysis reports; unit test reports;
dynamic analysis reports; functional test reports; and traceability documents. Users can use these documents to
comply with route 1s (as described in IEC 61508-3, section 7.4.2.12) to reuse a preexisting software element to
implement all or part of a safety function. The contents of the CSP could also help users make important
decisions for overall system safety compliance.
TMS320F28379D, TMS320F28379D-Q1, TMS320F28378D, TMS320F28377D
TMS320F28377D-Q1, TMS320F28376D, TMS320F28375D, TMS320F28374D
SPRS880O – DECEMBER 2013 – REVISED FEBRUARY 2021
www.ti.com
204
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: TMS320F28379D TMS320F28379D-Q1 TMS320F28378D TMS320F28377D
TMS320F28377D-Q1 TMS320F28376D TMS320F28375D TMS320F28374D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com