Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CPWR Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4CPWR
Description  LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27M4CPWR Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLC27M4CPWR Datasheet HTML 23Page - Texas Instruments TLC27M4CPWR Datasheet HTML 24Page - Texas Instruments TLC27M4CPWR Datasheet HTML 25Page - Texas Instruments TLC27M4CPWR Datasheet HTML 26Page - Texas Instruments TLC27M4CPWR Datasheet HTML 27Page - Texas Instruments TLC27M4CPWR Datasheet HTML 28Page - Texas Instruments TLC27M4CPWR Datasheet HTML 29Page - Texas Instruments TLC27M4CPWR Datasheet HTML 30Page - Texas Instruments TLC27M4CPWR Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 47 page
background image
1
f – Frequency – Hz
1 M
0.1
10
100
1 k
10 k
100 k
1
101
102
103
104
105
106
150°
120°
90°
60°
30°
0°
180°
TA = 25°C
RL = 100 kΩ
VDD = 5 V
AVD
Phase Shift
107
VDD = 5 V
VI = 10 mV
CL = 20 pF
– 75
T –
A
Free-Air Temperature – C
°
900
125
300
– 50
– 25
0
25
50
75
100
400
500
600
700
800
See Figure 3
0
VDD – Supply Voltage – V
800
16
400
2
4
6
8
10
12
14
450
500
550
600
650
700
750
See Figure 3
TA = 25°C
CL = 20 pF
VI = 10 mV
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
www.ti.com
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
TYPICAL CHARACTERISTICS (1)
UNITY-GAIN BANDWIDTH
UNITY-GAIN BANDWIDTH
vs
vs
FREE-AIR TEMPERATURE
SUPPLY VOLTAGE
Figure 30.
Figure 31.
LARGE-SIGNAL DIFFERENTIAL
VOLTAGE AMPLIFICATION AND PHASE SHIFT
vs
FREQUENCY
Figure 32.
(1)
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
Copyright © 1987–2012, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com