Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CPWR Datasheet(PDF) 31 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4CPWR
Description  LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27M4CPWR Datasheet(HTML) 31 Page - Texas Instruments

Back Button TLC27M4CPWR Datasheet HTML 27Page - Texas Instruments TLC27M4CPWR Datasheet HTML 28Page - Texas Instruments TLC27M4CPWR Datasheet HTML 29Page - Texas Instruments TLC27M4CPWR Datasheet HTML 30Page - Texas Instruments TLC27M4CPWR Datasheet HTML 31Page - Texas Instruments TLC27M4CPWR Datasheet HTML 32Page - Texas Instruments TLC27M4CPWR Datasheet HTML 33Page - Texas Instruments TLC27M4CPWR Datasheet HTML 34Page - Texas Instruments TLC27M4CPWR Datasheet HTML 35Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 47 page
background image
VI
(a) NONINVERTING AMPLIFIER
(c) UNITY-GAIN AMPLIFIER
(b) INVERTING AMPLIFIER
VI
VI
VO
VO
VO
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
www.ti.com
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
Input Characteristics
The TLC27M4 and TLC27M9 are specified with a minimum and a maximum input voltage that, if exceeded at
either input, could cause the device to malfunction. Exceeding this specified range is a common problem,
especially in single-supply operation. Note that the lower range limit includes the negative rail, while the upper
range limit is specified at VDD – 1 V at TA = 25°C and at VDD – 1.5 V at all other temperatures.
The use of the polysilicon-gate process and the careful input circuit design gives the TLC27M4 and TLC27M9
very good input offset voltage drift characteristics relative to conventional metal-gate processes. Offset voltage
drift in CMOS devices is highly influenced by threshold voltage shifts caused by polarization of the phosphorus
dopant implanted in the oxide. Placing the phosphorus dopant in a conductor (such as a polysilicon gate)
alleviates the polarization problem, thus reducing threshold voltage shifts by more than an order of magnitude.
The offset voltage drift with time has been calculated to be typically 0.1 µV/month, including the first month of
operation.
Because of the extremely high input impedance and resulting low bias current requirements, the TLC27M4 and
TLC27M9 are well suited for low-level signal processing; however, leakage currents on printed-circuit boards and
sockets can easily exceed bias current requirements and cause a degradation in device performance. It is good
practice to include guard rings around inputs (similar to those of Figure 4 in the Parameter Measurement
Information section). These guards should be driven from a low-impedance source at the same voltage level as
the common-mode input (see Figure 40).
Unused amplifiers should be connected as unity-gain followers to avoid possible oscillation.
Noise Performance
The noise specifications in operational amplifier circuits are greatly dependent on the current in the first-stage
differential amplifier. The low input bias current requirements of the TLC27M4 and TLC27M9 result in a very low
noise current, which is insignificant in most applications. This feature makes the devices especially favorable
over bipolar devices when using values of circuit impedance greater than 50 k
Ω, since bipolar devices exhibit
greater noise currents.
Figure 40. Guard-Ring Schemes
Copyright © 1987–2012, Texas Instruments Incorporated
Submit Documentation Feedback
31
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com