Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CPWR Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4CPWR
Description  LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27M4CPWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC27M4CPWR Datasheet HTML 12Page - Texas Instruments TLC27M4CPWR Datasheet HTML 13Page - Texas Instruments TLC27M4CPWR Datasheet HTML 14Page - Texas Instruments TLC27M4CPWR Datasheet HTML 15Page - Texas Instruments TLC27M4CPWR Datasheet HTML 16Page - Texas Instruments TLC27M4CPWR Datasheet HTML 17Page - Texas Instruments TLC27M4CPWR Datasheet HTML 18Page - Texas Instruments TLC27M4CPWR Datasheet HTML 19Page - Texas Instruments TLC27M4CPWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 47 page
background image
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
www.ti.com
OPERATING CHARACTERISTICS
at specified free-air temperature, VDD = 5 V, TA = 25°C
TLC27M4Y
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
RL = 100 kΩ,
VIPP = 1 V
0.43
SR
Slew rate at unity gain
CL = 20 pF,
V/µs
VIPP = 2.5 V
0.40
See Figure 1
f = 1 kHz,
RS = 20 Ω
Vn
Equivalent input noise voltage
32
nV/
√Hz
See Figure 2
VO = VOH,
CL = 20 pF,
BOM
Maximum output-swing bandwidth
55
kHz
RL = 100 kΩ,
See Figure 1
VI = 10 mV,
CL = 20 pF
B1
Unity-gain bandwidth
525
kHz
See Figure 3
VI = 10 mV,
f = B1,
φm
Phase margin
40°
CL = 20 pF,
See Figure 3
OPERATING CHARACTERISTICS
at specified free-air temperature, VDD = 10 V, TA = 25°C
TLC27M4Y
PARAMETER
TEST CONDITIONS
UNIT
MIN
TYP
MAX
RL = 100 kΩ,
VIPP = 1 V
0.62
SR
Slew rate at unity gain
CL = 20 pF,
V/µs
VIPP = 5.5 V
0.56
See Figure 1
f = 1 kHz,
RS = 20 Ω
Vn
Equivalent input noise voltage
32
nV/
√Hz
See Figure 2
VO = VOH,
CL = 20 pF,
BOM
Maximum output-swing bandwidth
35
kHz
RL = 100 kΩ,
See Figure 1
VI = 10 mV,
CL = 20 pF
B1
Unity-gain bandwidth
635
kHz
See Figure 3
VI = 10 mV,
f = B1,
φm
Phase margin
43°
CL = 20 pF,
See Figure 3
16
Submit Documentation Feedback
Copyright © 1987–2012, Texas Instruments Incorporated
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com