Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CPWR Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4CPWR
Description  LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27M4CPWR Datasheet(HTML) 35 Page - Texas Instruments

Back Button TLC27M4CPWR Datasheet HTML 31Page - Texas Instruments TLC27M4CPWR Datasheet HTML 32Page - Texas Instruments TLC27M4CPWR Datasheet HTML 33Page - Texas Instruments TLC27M4CPWR Datasheet HTML 34Page - Texas Instruments TLC27M4CPWR Datasheet HTML 35Page - Texas Instruments TLC27M4CPWR Datasheet HTML 36Page - Texas Instruments TLC27M4CPWR Datasheet HTML 37Page - Texas Instruments TLC27M4CPWR Datasheet HTML 38Page - Texas Instruments TLC27M4CPWR Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 47 page
background image
–
+
10 MΩ
V
V
O
REF
150 pF
100 kΩ
15 nF
VDD
1 kΩ
1/4
TLC27M4
TLC27M4
1/4
NOTE: V
= 4 V to 15 V
DD
V
= 0 V to V
–
2 V
REF
DD
(see Note A)
ï
+
100 kΩ
+
1 μF
100 kΩ
100 kΩ
Gain Control
1 MΩ
1 kΩ
10 kΩ
5 V
1 F
μ
+
0.1 μF
1/4
TLC27M4
+
NOTE A: Low to medium impedance dynamic mike
V
R
I
5 V
IS
2N3821
–
+
1/4
TLC27M9
NOTE: VI = 0 V to 3 V
IS =
V
R
I
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
www.ti.com
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
Figure 45. Precision Low-Current Sink
Figure 46. Microphone Preamplifier
Figure 47. Photo-Diode Amplifier With Ambient Light Rejection
Copyright © 1987–2012, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com