Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CPWR Datasheet(PDF) 24 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4CPWR
Description  LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27M4CPWR Datasheet(HTML) 24 Page - Texas Instruments

Back Button TLC27M4CPWR Datasheet HTML 20Page - Texas Instruments TLC27M4CPWR Datasheet HTML 21Page - Texas Instruments TLC27M4CPWR Datasheet HTML 22Page - Texas Instruments TLC27M4CPWR Datasheet HTML 23Page - Texas Instruments TLC27M4CPWR Datasheet HTML 24Page - Texas Instruments TLC27M4CPWR Datasheet HTML 25Page - Texas Instruments TLC27M4CPWR Datasheet HTML 26Page - Texas Instruments TLC27M4CPWR Datasheet HTML 27Page - Texas Instruments TLC27M4CPWR Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 47 page
background image
100
75
50
25
0
– 25
– 50
0
125
T –
A
Free-Air Temperature – C
°
– 75
RL = 100 kΩ
VDD = 5 V
VDD = 10 V
500
50
100
150
200
250
300
350
400
450
0 C
°
0
VDD – Supply Voltage – V
500
16
0
50
100
150
200
250
300
350
400
450
RL = 100 kΩ
– 40°C
25°C
70°C
85°C
TA = 125°C
TA = – 55°C
2
4
6
8
10
12
14
0
IOL – Low-Level Output Current – mA
1
8
0
1
2
3
4
5
6
7
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
VID = – 1 V
VIC = 0.5 V
TA = 25°C
VDD = 3 V
VDD = 4 V
VDD = 5 V
0
IOL – Low-Level Output Current – mA
3
30
0
5
10
15
20
25
0.5
1
1.5
2
2.5
TA = 25°C
VIC = 0.5 V
VID = – 1 V
VDD = 10 V
VDD = 16 V
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
www.ti.com
TYPICAL CHARACTERISTICS (1)
LOW-LEVEL OUTPUT VOLTAGE
LOW-LEVEL OUTPUT VOLTAGE
vs
vs
LOW-LEVEL OUTPUT CURRENT
LOW-LEVEL OUTPUT CURRENT
Figure 18.
Figure 19.
LARGE-SIGNAL
LARGE-SIGNAL
DIFFERENTIAL VOLTAGE AMPLIFICATION
DIFFERENTIAL VOLTAGE AMPLIFICATION
vs
vs
SUPPLY VOLTAGE
FREE-AIR TEMPERATURE
Figure 20.
Figure 21.
(1)
Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
24
Submit Documentation Feedback
Copyright © 1987–2012, Texas Instruments Incorporated
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com