Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CPWR Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4CPWR
Description  LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27M4CPWR Datasheet(HTML) 30 Page - Texas Instruments

Back Button TLC27M4CPWR Datasheet HTML 26Page - Texas Instruments TLC27M4CPWR Datasheet HTML 27Page - Texas Instruments TLC27M4CPWR Datasheet HTML 28Page - Texas Instruments TLC27M4CPWR Datasheet HTML 29Page - Texas Instruments TLC27M4CPWR Datasheet HTML 30Page - Texas Instruments TLC27M4CPWR Datasheet HTML 31Page - Texas Instruments TLC27M4CPWR Datasheet HTML 32Page - Texas Instruments TLC27M4CPWR Datasheet HTML 33Page - Texas Instruments TLC27M4CPWR Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 47 page
background image
Logic
Logic
Logic
(a) COMMON SUPPLY RAILS
(b) SEPARATE BYPASSED SUPPLY RAILS (preferred)
Logic
Logic
Logic
Power
Supply
Power
Supply
Output
Output
R4
V
V
O
DD
R2
R1
V
V
I
REF
R3
C
0.01 μF
VREF = VDD
R3
R1 + R3
VO = (VREF – VI)
R4
R2
+ VREF
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
www.ti.com
APPLICATION INFORMATION
Single-Supply Operation
While the TLC27M4 and TLC27M9 perform well using dual power supplies (also called balanced or split
supplies), the design is optimized for single-supply operation. This design includes an input common-mode
voltage range that encompasses ground as well as an output voltage range that pulls down to ground. The
supply voltage range extends down to 3 V (C-suffix types), thus allowing operation with supply levels commonly
available for TTL and HCMOS; however, for maximum dynamic range, 16-V single-supply operation is
recommended.
Many single-supply applications require that a voltage be applied to one input to establish a reference level that
is above ground. A resistive voltage divider is usually sufficient to establish this reference level (see Figure 38).
The low input bias current of the TLC27M4 and TLC27M9 permits the use of very large resistive values to
implement the voltage divider, thus minimizing power consumption.
The TLC27M4 and TLC27M9 work well in conjunction with digital logic; however, when powering both linear
devices and digital logic from the same power supply, the following precautions are recommended:
1. Power the linear devices from separate bypassed supply lines (see Figure 39); otherwise, the linear device
supply rails can fluctuate due to voltage drops caused by high switching currents in the digital logic.
2. Use proper bypass techniques to reduce the probability of noise-induced errors. Single capacitive decoupling
is often adequate; however, high-frequency applications may require RC decoupling.
Figure 38. Inverting Amplifier With Voltage Reference
Figure 39. Common Versus Separate Supply Rails
30
Submit Documentation Feedback
Copyright © 1987–2012, Texas Instruments Incorporated
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com