Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CPWR Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4CPWR
Description  LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27M4CPWR Datasheet(HTML) 19 Page - Texas Instruments

Back Button TLC27M4CPWR Datasheet HTML 15Page - Texas Instruments TLC27M4CPWR Datasheet HTML 16Page - Texas Instruments TLC27M4CPWR Datasheet HTML 17Page - Texas Instruments TLC27M4CPWR Datasheet HTML 18Page - Texas Instruments TLC27M4CPWR Datasheet HTML 19Page - Texas Instruments TLC27M4CPWR Datasheet HTML 20Page - Texas Instruments TLC27M4CPWR Datasheet HTML 21Page - Texas Instruments TLC27M4CPWR Datasheet HTML 22Page - Texas Instruments TLC27M4CPWR Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 47 page
background image
(a) f = 1 kHz
(b) 1 kHz < f < BOM
(c) f = BOM
(d) f > BOM
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
www.ti.com
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
PARAMETER MEASUREMENT INFORMATION (continued)
Full-Power Response
Full-power response, the frequency above which the operational amplifier slew rate limits the output voltage
swing, is often specified two ways: full-linear response and full-peak response. The full-linear response is
generally measured by monitoring the distortion level of the output, while increasing the frequency of a sinusoidal
input signal until the maximum frequency is found above which the output contains significant distortion. The full-
peak response is defined as the maximum output frequency, without regard to distortion, above which full peak-
to-peak output swing cannot be maintained.
Because there is no industry-wide accepted value for significant distortion, the full-peak response is specified in
this data sheet and is measured using the circuit of Figure 1. The initial setup involves the use of a sinusoidal
input to determine the maximum peak-to-peak output of the device (the amplitude of the sinusoidal wave is
increased until clipping occurs). The sinusoidal wave is then replaced with a square wave of the same amplitude.
The frequency is then increased until the maximum peak-to-peak output can no longer be maintained (Figure 5).
A square wave is used to allow a more accurate determination of the point at which the maximum peak-to-peak
output is reached.
Figure 5. Full-Power-Response Output Signal
Test Time
Inadequate test time is a frequent problem, especially when testing CMOS devices in a high-volume, short-test-
time environment. Internal capacitances are inherently higher in CMOS than in bipolar and BiFET devices and
require longer test times than their bipolar and BiFET counterparts. The problem becomes more pronounced with
reduced supply levels and lower temperatures.
Copyright © 1987–2012, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com