Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CPWR Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4CPWR
Description  LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27M4CPWR Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLC27M4CPWR Datasheet HTML 29Page - Texas Instruments TLC27M4CPWR Datasheet HTML 30Page - Texas Instruments TLC27M4CPWR Datasheet HTML 31Page - Texas Instruments TLC27M4CPWR Datasheet HTML 32Page - Texas Instruments TLC27M4CPWR Datasheet HTML 33Page - Texas Instruments TLC27M4CPWR Datasheet HTML 34Page - Texas Instruments TLC27M4CPWR Datasheet HTML 35Page - Texas Instruments TLC27M4CPWR Datasheet HTML 36Page - Texas Instruments TLC27M4CPWR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 47 page
background image
C
VO
–
+
V
V
I
DD
R
V
P
O
R2
R1
RL
I
I
P
F
IL
IP = Pullup current required
by the operational amplifier
(typically 500 μA)
Rp =
VDD – VO
F
I + IL + IP
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
www.ti.com
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
Figure 42. Resistive Pullup to Increase VOH
Figure 43. Compensation for Input Capacitance
Feedback
Operational amplifier circuits nearly always employ feedback, and since feedback is the first prerequisite for
oscillation, some caution is appropriate. Most oscillation problems result from driving capacitive loads (discussed
previously) and ignoring stray input capacitance. A small-value capacitor connected in parallel with the feedback
resistor is an effective remedy (see Figure 43). The value of this capacitor is optimized empirically.
Electrostatic Discharge Protection
The TLC27M4 and TLC27M9 incorporate an internal electrostatic discharge (ESD) protection circuit that prevents
functional failures at voltages up to 2000 V as tested under MIL-STD-883C, Method 3015.2. Care should be
exercised, however, when handling these devices, as exposure to ESD may result in the degradation of the
device parametric performance. The protection circuit also causes the input bias currents to be temperature-
dependent and have the characteristics of a reverse-biased diode.
Latch-Up
Because CMOS devices are susceptible to latch-up due to their inherent parasitic thyristors, the TLC27M4 and
TLC27M9 inputs and outputs were designed to withstand —100-mA surge currents without sustaining latch-up;
however, techniques should be used to reduce the chance of latch-up whenever possible. Internal protection
diodes should not, by design, be forward biased. Applied input and output voltage should not exceed the supply
voltage by more than 300 mV. Care should be exercised when using capacitive coupling on pulse generators.
Supply transients should be shunted by the use of decoupling capacitors (0.1 µF typical) located across the
supply rails as close to the device as possible.
The current path established if latch-up occurs is usually between the positive supply rail and ground; it can be
triggered by surges on the supply lines and/or voltages on either the output or inputs that exceed the supply
voltage. Once latch-up occurs, the current flow is limited only by the impedance of the power supply and the
forward resistance of the parasitic thyristor and usually results in the destruction of the device. The chance of
latch-up occurring increases with increasing temperature and supply voltages.
Copyright © 1987–2012, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com