Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CPWR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4CPWR
Description  LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27M4CPWR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLC27M4CPWR Datasheet HTML 28Page - Texas Instruments TLC27M4CPWR Datasheet HTML 29Page - Texas Instruments TLC27M4CPWR Datasheet HTML 30Page - Texas Instruments TLC27M4CPWR Datasheet HTML 31Page - Texas Instruments TLC27M4CPWR Datasheet HTML 32Page - Texas Instruments TLC27M4CPWR Datasheet HTML 33Page - Texas Instruments TLC27M4CPWR Datasheet HTML 34Page - Texas Instruments TLC27M4CPWR Datasheet HTML 35Page - Texas Instruments TLC27M4CPWR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 47 page
background image
2.5 V
VO
CL
– 2.5 V
VI
(d) TEST CIRCUIT
TA = 25°C
f = 1 kHz
VIPP = 1 V
(a) CL = 20 pF, RL = NO LOAD
(b) CL = 170 pF, RL = NO LOAD
(c) CL = 190 pF, RL = NO LOAD
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
www.ti.com
Output Characteristics
The output stage of the TLC27M4 and TLC27M9 is designed to sink and source relatively high amounts of
current (see typical characteristics). If the output is subjected to a short-circuit condition, this high current
capability can cause device damage under certain conditions. Output current capability increases with supply
voltage.
All operating characteristics of the TLC27M4 and TLC27M9 were measured using a 20-pF load. The devices
drive higher capacitive loads; however, as output load capacitance increases, the resulting response pole occurs
at lower frequencies, thereby causing ringing, peaking, or even oscillation (see Figure 41). In many cases,
adding a small amount of resistance in series with the load capacitance alleviates the problem.
Figure 41. Effect of Capacitive Loads and Test Circuit
Although the TLC27M4 and TLC27M9 possess excellent high-level output voltage and current capability,
methods for boosting this capability are available, if needed. The simplest method involves the use of a pullup
resistor (RP) connected from the output to the positive supply rail (see Figure 42). There are two disadvantages
to the use of this circuit. First, the NMOS pulldown transistor N4 (see equivalent schematic) must sink a
comparatively large amount of current. In this circuit, N4 behaves like a linear resistor with an on-resistance
between approximately 60
Ω and 180 Ω, depending on how hard the operational amplifier input is driven. With
very low values of RP, a voltage offset from 0 V at the output occurs. Second, pullup resistor RP acts as a drain
load to N4 and the gain of the operational amplifier is reduced at output voltage levels where N5 is not supplying
the output current.
32
Submit Documentation Feedback
Copyright © 1987–2012, Texas Instruments Incorporated
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com