Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CPWR Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4CPWR
Description  LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27M4CPWR Datasheet(HTML) 17 Page - Texas Instruments

Back Button TLC27M4CPWR Datasheet HTML 13Page - Texas Instruments TLC27M4CPWR Datasheet HTML 14Page - Texas Instruments TLC27M4CPWR Datasheet HTML 15Page - Texas Instruments TLC27M4CPWR Datasheet HTML 16Page - Texas Instruments TLC27M4CPWR Datasheet HTML 17Page - Texas Instruments TLC27M4CPWR Datasheet HTML 18Page - Texas Instruments TLC27M4CPWR Datasheet HTML 19Page - Texas Instruments TLC27M4CPWR Datasheet HTML 20Page - Texas Instruments TLC27M4CPWR Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 47 page
background image
VDD
10 kΩ
VO
100 Ω
CL
1/2 VDD
V
V
C
I
I
L
100 Ω
VO
10 kΩ
VDD+
VDD –
(b) SPLIT SUPPLY
(a) SINGLE SUPPLY
VDD
V
DD+
1/2 VDD
20 Ω
VO
2 kΩ
20 Ω
VDD –
20 Ω
20 Ω
2 kΩ
VO
(b) SPLIT SUPPLY
(a) SINGLE SUPPLY
VDD
C
R
V
V
L
L
O
I
V
V
R
C
I
O
L
L
VDD+
VDD –
(a) SINGLE SUPPLY
(b) SPLIT SUPPLY
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
www.ti.com
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
PARAMETER MEASUREMENT INFORMATION
Single-Supply versus Split-Supply Test Circuits
Because the TLC27M4 and TLC27M9 are optimized for single-supply operation, circuit configurations used for
the various tests often present some inconvenience since the input signal, in many cases, must be offset from
ground. This inconvenience can be avoided by testing the device with split supplies and the output load tied to
the negative rail. A comparison of single-supply versus split-supply test circuits is shown below. The use of either
circuit gives the same result.
Figure 1. Unity-Gain Amplifier
Figure 2. Noise-Test Circuit
Figure 3. Gain-of-100 Inverting Amplifier
Copyright © 1987–2012, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com