Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC27M4CPWR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TLC27M4CPWR
Description  LinCMOS??PRECISION QUAD OPERATIONAL AMPLIFIERS
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC27M4CPWR Datasheet(HTML) 5 Page - Texas Instruments

  TLC27M4CPWR Datasheet HTML 1Page - Texas Instruments TLC27M4CPWR Datasheet HTML 2Page - Texas Instruments TLC27M4CPWR Datasheet HTML 3Page - Texas Instruments TLC27M4CPWR Datasheet HTML 4Page - Texas Instruments TLC27M4CPWR Datasheet HTML 5Page - Texas Instruments TLC27M4CPWR Datasheet HTML 6Page - Texas Instruments TLC27M4CPWR Datasheet HTML 7Page - Texas Instruments TLC27M4CPWR Datasheet HTML 8Page - Texas Instruments TLC27M4CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 47 page
background image
TLC27M4, TLC27M4A, TLC27M4B, TLC27M4Y, TLC27M9
www.ti.com
SLOS093D – OCTOBER 1987 – REVISED OCTOBER 2012
ABSOLUTE MAXIMUM RATINGS
over operating free-air temperature range (unless otherwise noted)
(1)
VALUE
UNIT
Supply voltage, VDD
(2)
18
V
Differential input voltage, VID
(3)
±VDD
Input voltage range, VI (any input)
–0.3 V to VDD
Input current, II
±5
mA
Output current, lO (each output)
±30
mA
Total current into VDD
45
mA
Total current out of GND
45
mA
Duration of short-circuit current at (or below) 25°C(4)
unlimited
Continuous total dissipation
See Dissipation Rating Table
C suffix
0 to 70
°C
Operating free-air temperature, TA
I suffix
–40 to 85
°C
M suffix
–55 to 125
°C
Storage temperature range
–65 to 150
°C
Case temperature for 60 seconds: FK package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds: D, N, or PW package
260
°C
Lead temperature 1,6 mm (1/16 inch) from case for 60 seconds: J package
300
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential voltages, are with respect to network ground.
(3)
Differential voltages are at IN+ with respect to IN –.
(4)
The output may be shorted to either supply. Temperature and/or supply voltages must be limited to ensure that the maximum dissipation
rating is not exceeded (see application section).
DISSIPATION RATINGS
TA ≤ 25°C
DERATING FACTOR
TA = 70°C
TA = 85°C
TA = 125°C
PACKAGE
POWER RATING
ABOVE TA = 25°C
POWER RATING
POWER RATING
POWER RATING
D
950 mW
7.6 mW/°C
608 mW
494 mW
—
FK
1375 mW
11.0 mW/°C
880 mW
715 mW
275 mW
J
1375 mW
11.0 mW/°C
880 mW
715 mW
275 mW
N
1575 mW
12.6 mW/°C
1008 mW
819 mW
—
PW
700 mW
5.6 mW/°C
448 mW
—
—
RECOMMENDED OPERATING CONDITIONS
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
Supply voltage, VDD
3
16
4
16
4
16
V
VDD = 5 V
–0.2
3.5
–0.2
3.5
0
3.5
Common mode input voltage, VIC
V
VDD = 10 V
–0.2
8.5
–0.2
8.5
0
8.5
Operating free-air temperature, TA
0
70
–40
85
–55
125
°C
Copyright © 1987–2012, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: TLC27M4 TLC27M4A TLC27M4B TLC27M4Y TLC27M9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com